Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60124 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60124
Description  REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS60124 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS60124 Datasheet HTML 5Page - Texas Instruments TPS60124 Datasheet HTML 6Page - Texas Instruments TPS60124 Datasheet HTML 7Page - Texas Instruments TPS60124 Datasheet HTML 8Page - Texas Instruments TPS60124 Datasheet HTML 9Page - Texas Instruments TPS60124 Datasheet HTML 10Page - Texas Instruments TPS60124 Datasheet HTML 11Page - Texas Instruments TPS60124 Datasheet HTML 12Page - Texas Instruments TPS60124 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
TPS60120, TPS60121, TPS60122, TPS60123, TPS60124, TPS60125
REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS257B – NOVEMBER 1999 – REVISED AUGUST 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at CI = 10 µF, C1F = C2F = 2.2 µF, CO = 22 µF, TC = –40°C to 85°C, VI = 2 V,
VFB = VO and V(ENABLE) = VI (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI( i )
Minimum start up voltage
IO = 0
1.8
V
VI(min)
Minimum start-up voltage
IO = IO(max)
2
V
V(UVLO)
Input undervoltage lockout threshold
TC = 25°C
1.6
1.8
V
IO(MAX)
Maximum continuous
output current
TPS60120, TPS60121,
TPS60124, TPS60125
200
mA
O(MAX)
out ut current
TPS60122, TPS60123
100
mA
TPS60120,
TPS60121
1.8 V < VI < 2 V,
0 < IO < IO(MAX)/2,
TC = 0°C to 70°C
3.17
3.43
TPS60121,
TPS60122,
TPS60123
2 V < VI < 3.3 V,
0 < IO < IO(MAX)
3.17
3.43
VO
Output voltage
TPS60123
3.3 V < VI < 3.6 V,
0 < IO < IO(MAX)
3.17
3.47
V
VO
Output voltage
TPS60124
1.8 V < VI < 2 V,
0 < IO < IO(MAX)/2,
TC = 0°C to 70°C
2.88
3.12
V
TPS60124,
TPS60125
2 V < VI < 3.3 V,
0 < IO < IO(MAX)
2.88
3.12
3.3 V < VI < 3.6 V,
0 < IO < IO(MAX)
2.88
3.3
Ilkg(OUT)
Output leakage current
VI = 2.4 V, V(ENABLE) = 0 V
1
µA
IQ
Quiescent current (no-load input current)
VI = 2.4 V
55
90
µA
IQ(SDN)
Shutdown supply current
VI = 2.4 V, V(ENABLE) = 0 V
0.05
1
µA
fOSC(INT)
Internal switching frequency
VI = 2.4 V
210
320
450
kHz
VIL
Enable input voltage low
VI = 1.8 V
0.3 x VI
V
VIH
Enable input voltage high
VI = 3.6 V
0.7 x VI
V
Ilkg(ENABLE)
Enable input leakage current
V(ENABLE) = VGND or VI
0.01
0.1
µA
Output load regulation
VI = 2.4 V,
1 mA < IO < IO(MAX)
TC = 25°C
0.003%
/mA
Output line regulation
2 V < VI < 3.3 V,
IO = 100 mA,
TC = 25°C
0.3%
/V
Short circuit current limit
VI < 2.4 V, VO = 0 V,
TC = 25°C
115
mA
V(LBITRIP)
Low battery trip voltage
TPS60120, TPS60122,
TPS60124
VI = 1.8 V to 2.2 V,
Hysteresis 0.8% for rising
LBI, TC = 0°C to 70°C
1.15
1.21
1.27
V
II(LBI)
LBI input current
TPS60120, TPS60122,
TPS60124
V(LBI) = 1.3 V
100
nA
VO(LBO)
LBO output voltage low
(see Note 2)
TPS60120, TPS60122,
TPS60124
V(LBI) = 0 V,
I(LBO,SINK) = 1 mA
0.4
V
Ilkg(LBO)
LBO leakage current
TPS60120, TPS60122,
TPS60124
V(LBI) = 1.3 V,
V(LBO) = 3.3 V
0.01
0.1
µA
NOTE 2: During start-up the LBO and PG output signal is invalid for the first 500
µs.


Numéro de pièce similaire - TPS60124

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60124 TI-TPS60124 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60124 TI-TPS60124 Datasheet
513Kb / 24P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60124PWP TI-TPS60124PWP Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60124PWP TI-TPS60124PWP Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60124PWPG4 TI-TPS60124PWPG4 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results

Description similaire - TPS60124

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60120 TI-TPS60120_07 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
Linear Technology
LTC1751-5 LINER-LTC1751-5_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751 LINER-LTC1751_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com