Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS57140-EP Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TPS57140-EP
Description  TPS57140-EP 1.5-A 42-V Step-Down Swift??DC-DC Converter With Eco-mode??Control
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS57140-EP Fiches technique(HTML) 2 Page - Texas Instruments

  TPS57140-EP_15 Datasheet HTML 1Page - Texas Instruments TPS57140-EP_15 Datasheet HTML 2Page - Texas Instruments TPS57140-EP_15 Datasheet HTML 3Page - Texas Instruments TPS57140-EP_15 Datasheet HTML 4Page - Texas Instruments TPS57140-EP_15 Datasheet HTML 5Page - Texas Instruments TPS57140-EP_15 Datasheet HTML 6Page - Texas Instruments TPS57140-EP_15 Datasheet HTML 7Page - Texas Instruments TPS57140-EP_15 Datasheet HTML 8Page - Texas Instruments TPS57140-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
TPS57140-EP
SLVSD01A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 25
1
Features .................................................................. 1
8
Application and Implementation ........................ 30
2
Applications ........................................................... 1
8.1
Application Information............................................ 30
3
Description ............................................................. 1
8.2
Typical Application .................................................. 30
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 41
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 41
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 41
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Example .................................................... 41
6.2
ESD Ratings.............................................................. 4
10.3
Power-Dissipation Estimate .................................. 42
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 43
6.4
Thermal Information .................................................. 5
11.1
Community Resources.......................................... 43
6.5
Electrical Characteristics........................................... 5
11.2
Trademarks ........................................................... 43
6.6
Typical Characteristics .............................................. 8
11.3
Electrostatic Discharge Caution ............................ 43
7
Detailed Description ............................................ 12
11.4
Glossary ................................................................ 43
7.1
Overview ................................................................. 12
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ....................................... 13
Information ........................................................... 43
7.3
Feature Description................................................. 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (September 2015) to Revision A
Page
Added derating chart ............................................................................................................................................................. 7
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS57140-EP


Numéro de pièce similaire - TPS57140-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS57140-EP TI1-TPS57140-EP_16 Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A 42-V Step-Down Swift DC-DC Converter With Eco-mode Control
More results

Description similaire - TPS57140-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS57140-EP TI1-TPS57140-EP_16 Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A 42-V Step-Down Swift DC-DC Converter With Eco-mode Control
TPS57140-Q1 TI1-TPS57140-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS57140-Q1 TI-TPS57140-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC-DC CONVERTER WITH Eco-mode??CONTROL
TPS54140-Q1 TI1-TPS54140-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS54160-Q1 TI-TPS54160-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT DC/DC CONVERTER WITH Eco-Mode CONTROL
TPS57160-Q1 TI1-TPS57160-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS54040A TI1-TPS54040A Datasheet
2Mb / 48P
[Old version datasheet]   0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI1-TPS57040-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com