Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS56628 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPS56628
Description  4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS56628 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS56628_15 Datasheet HTML 1Page - Texas Instruments TPS56628_15 Datasheet HTML 2Page - Texas Instruments TPS56628_15 Datasheet HTML 3Page - Texas Instruments TPS56628_15 Datasheet HTML 4Page - Texas Instruments TPS56628_15 Datasheet HTML 5Page - Texas Instruments TPS56628_15 Datasheet HTML 6Page - Texas Instruments TPS56628_15 Datasheet HTML 7Page - Texas Instruments TPS56628_15 Datasheet HTML 8Page - Texas Instruments TPS56628_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TPS56628
SLVSC94A – OCTOBER 2013 – REVISED DECEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL SHUTDOWN
Shutdown temperature (2)
165
TSDN
Thermal shutdown threshold
°C
Hysteresis (2)
35
ON-TIME TIMER CONTROL
tON
On time
VIN = 12 V, VO = 1.05 V
150
ns
tOFF(MIN)
Minimum off time
TA = 25°C, VFB = 0.7 V
260
310
ns
SOFT START
TSS
Soft-start time
Internal soft-start time
0.7
1.0
1.3
ms
POWER GOOD
VFB rising (Good)
85%
90%
95%
VTHPG
PG threshold
VFB falling (Fault)
85%
IPG
PG sink current
PG = 5 V
2
4
mA
HICCUP AND OVER-VOLTAGE PROTECTION
VOVP
Output OVP threshold
OVP Detect (L > H)
125%
VHICCUP
Output Hiccup threshold
Hiccup detect (H > L)
65%
THICCUPDELAY
Output Hiccup delay
To hiccup state
250
µs
THICCUPENDELAY
Output Hiccup Enable delay
Relative to soft-start time
x1.7
UVLO
Wake up VREG5 voltage
3.45
3.75
4.05
UVLO
UVLO threshold
V
Hysteresis VREG5 voltage
0.13
0.32
0.48
(2)
Not production tested.
4
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TPS56628


Numéro de pièce similaire - TPS56628_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS56628DDA TI1-TPS56628DDA Datasheet
1Mb / 23P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode
TPS56628DDAR TI1-TPS56628DDAR Datasheet
1Mb / 23P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode
More results

Description similaire - TPS56628_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54628 TI-TPS54628 Datasheet
1,006Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS56628 TI1-TPS56628 Datasheet
1Mb / 23P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode
TPS54628 TI-TPS54628_15 Datasheet
970Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54528 TI1-TPS54528 Datasheet
821Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI-TPS54329E_15 Datasheet
724Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54326 TI1-TPS54326_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com