Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS55065-Q1 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPS55065-Q1
Description  TPS55065-Q1 Buck and Boost Switched-Mode Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS55065-Q1 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS55065-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS55065-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS55065-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS55065-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS55065-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS55065-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS55065-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS55065-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS55065-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPS55065-Q1
SLIS132A – OCTOBER 2008 – REVISED MARCH 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
V(driver)
(2)
Unregulated input voltage,
–0.5
40
V
V(AIN), V(ENABLE)
(2)
Unregulated inputs
–0.5
40
V
V(Cboot1)
Bootstrap voltages
52
V
V(Cboot2)
14
V
V(L1)
Switch mode voltages
–1
40
V
V(L2)
–1
7
V
V(Rmod),V(SCR0),V(SCR1), Logic input voltages
–0.5
7
V
V(CLP), and
V(5Vg_ENABLE)
(2)
V(RESET),V(AOUT),V(logic), Low output voltages
–0.5
7
V
and V(REST)
(2)
PD
Continuous power dissipation
See Dissipation Ratings
TJ
Operating virtual junction temperature
–40
150
°C
TA
Operating ambient temperature
–40
125
°C
Tstg
Storage temperature
–65
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to ground.
6.2 ESD Ratings
VALUE
UNIT
Classification 1B for pin 7, pin 8,
±800
pin 9
Human body model (HBM), per AEC
Q100-002(1)(2)
Classification 2 for pins 1 to 6 and
±2000
V(ESD)
Electrostatic discharge
V
10 to 20
Charged device model (CDM), per
Classification Level C4B for All
±750
AEC Q100-011
pins
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
(2)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each terminal.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Unregulated input voltage, V(driver)
6
24
V
Unregulated input voltages, V(AIN) and V(ENABLE)
0
24
V
V(L1)
–1
17
Switched-mode terminals
V
V(L2)
5
5.5
V(Cboot1)
V(driver) + 10
Bootstrap voltages
V
V(Cboot2)
8
Logic levels (I/O), V(Rmod), V(logic),V(SCR0),V(SCR1),V(5Vg_ENABLE),V(RESET), V(AOUT),
0
5.25
V
V(CLP), and V(REST)
Operating ambient temperature range, TA
–40
125
°C
Logic levels (I/O), V(SCR0), V(SCR1), V(CLP) directly connected to V(logic)
V(logic)
V(logic)
V
4
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TPS55065-Q1


Numéro de pièce similaire - TPS55065-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS55065-Q1 TI1-TPS55065-Q1 Datasheet
825Kb / 30P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
More results

Description similaire - TPS55065-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC74101-Q1 TI-TPIC74101-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPIC74101-Q1 Buck and Boost Switch-Mode Regulator
TPS55065-Q1 TI1-TPS55065-Q1 Datasheet
825Kb / 30P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74100-Q1 TI-TPIC74100-Q1 Datasheet
891Kb / 30P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
REG710 TI-REG710 Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710_07 Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
logo
Texas Instruments
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com