Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54719 Fiches technique(PDF) 17 Page - Texas Instruments

No de pièce TPS54719
Description  TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54719 Fiches technique(HTML) 17 Page - Texas Instruments

Back Button TPS54719_15 Datasheet HTML 13Page - Texas Instruments TPS54719_15 Datasheet HTML 14Page - Texas Instruments TPS54719_15 Datasheet HTML 15Page - Texas Instruments TPS54719_15 Datasheet HTML 16Page - Texas Instruments TPS54719_15 Datasheet HTML 17Page - Texas Instruments TPS54719_15 Datasheet HTML 18Page - Texas Instruments TPS54719_15 Datasheet HTML 19Page - Texas Instruments TPS54719_15 Datasheet HTML 20Page - Texas Instruments TPS54719_15 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
0.89
Fsw(kHz)
24517 RT(k )-
=
´
W
1.121
SW
RT (k ) = 84145
F
(kHz)-
W
´
SS/TR1
TPS54719
EN1
PWRGD1
SS/TR2
TPS54719
EN2
PWRGD2
VOUT1
VOUT 2
R1
R2
EN1
Vout2
SS2
Vout1
TPS54719
www.ti.com
SLVSB69A – JUNE 2012 – REVISED JULY 2014
Feature Description (continued)
Figure 28. Schematic For Ratio-Metric Start-Up
Figure 29. Ratio-Metric Start-Up Using Coupled
Sequence
SS/TR Pins
7.4 Device Functional Modes
7.4.1 Constant Switching Frequency And Timing Resistor (RT Pin)
The switching frequency of the TPS54719 is adjustable over a wide range from 200 kHz to 2000 kHz by placing
a maximum of 218 k
Ω and minimum of 16.9 kΩ, respectively, on the RT pin. An internal amplifier holds this pin
at a fixed voltage when using an external resistor to ground to set the switching frequency. The RT is typically
0.5 V. To determine the timing resistance for a given switching frequency, use the curve in Figure 12, or
Equation 8.
spacer
(8)
spacer
(9)
To reduce the solution size one would typically set the switching frequency as high as possible, but tradeoffs of
the efficiency, maximum input voltage and minimum controllable on time should be considered.
The minimum controllable on time is typically 64 ns at full current load and 100 ns at no load, and limits the
maximum operating input voltage or output voltage.
7.4.2 Overcurrent Protection
The TPS54719 implements a cycle by cycle current limit. During each switching cycle the high side switch
current is compared to the voltage on the COMP pin. When the instantaneous switch current intersects the
COMP voltage, the high side switch is turned off. During overcurrent conditions that pull the output voltage low,
the error amplifier responds by driving the COMP pin high, increasing the switch current. The error amplifier
output is clamped internally. This clamp functions as a switch current limit.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TPS54719


Numéro de pièce similaire - TPS54719_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
More results

Description similaire - TPS54719_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54719 TI1-TPS54719 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54519RTER TI-TPS54519RTER Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI1-TPS54519 Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI-TPS54519_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT??Converter
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com