Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54418 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS54418
Description  TPS54418 2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54418 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS54418_15 Datasheet HTML 7Page - Texas Instruments TPS54418_15 Datasheet HTML 8Page - Texas Instruments TPS54418_15 Datasheet HTML 9Page - Texas Instruments TPS54418_15 Datasheet HTML 10Page - Texas Instruments TPS54418_15 Datasheet HTML 11Page - Texas Instruments TPS54418_15 Datasheet HTML 12Page - Texas Instruments TPS54418_15 Datasheet HTML 13Page - Texas Instruments TPS54418_15 Datasheet HTML 14Page - Texas Instruments TPS54418_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
TPS54418
www.ti.com
SLVS946D – SEPTEMBER 2009 – REVISED DECEMBER 2014
8 Detailed Description
8.1 Overview
The TPS54418 device is a 6-V, 4-A, synchronous step-down (buck) converter with two integrated n-channel
MOSFETs. To improve performance during line and load transients the device implements a constant frequency,
peak current mode control which reduces output capacitance and simplifies external frequency compensation
design. The wide supported switching frequency range of 200 kHz to 2000 kHz allows for efficiency and size
optimization when selecting the output filter components. The switching frequency is adjusted using a resistor to
ground on the RT/CLK pin. The device has an internal phase lock loop (PLL) on the RT/CLK pin that is used to
synchronize the power switch turn on to a falling edge of an external system clock.
The TPS54418 device has a typical default start up voltage of 2.6 V. The EN pin has an internal pull-up current
source that can be used to adjust the input voltage under voltage lockout (UVLO) with two external resistors. In
addition, the pull up current provides a default condition when the EN pin is floating for the device to operate.
The total operating current for the TPS54418 device is 350
μA when not switching and under no load. When the
device is disabled, the supply current is less than 5
μA.
The integrated, 30-m
Ω MOSFETs allow for high-efficiency power supply designs with continuous output currents
up to 4 amperes.
The TPS54418 device reduces the external component count by integrating the boot recharge diode. The bias
voltage for the integrated high-side MOSFET is supplied by a capacitor on the BOOT to PH pin. The boot
capacitor voltage is monitored by an UVLO circuit and turns off the high-side MOSFET when the voltage falls
below a preset threshold. This BOOT circuit allows the TPS54418 device to operate approaching 100%. The
output voltage can be stepped down to as low as the 0.8 V reference.
The TPS54418 device has a power good comparator (PWRGD) with 2% hysteresis.
The TPS54418 device minimizes excessive output overvoltage transients by taking advantage of the overvoltage
power good comparator. When the regulated output voltage is greater than 109% of the nominal voltage, the
overvoltage comparator is activated, and the high-side MOSFET is turned off and masked from turning on until
the output voltage is lower than 105%.
The SS (soft-start) pin is used to minimize inrush currents or provide power supply sequencing during power up.
A small value capacitor should be coupled to the pin for soft-start. The SS pin is discharged before the output
power up to ensure a repeatable re-start after an over-temperature fault, UVLO fault or disabled condition.
The use of a frequency-foldback circuit reduces the switching frequency during startup and over current fault
conditions to help limit the inductor current.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS54418


Numéro de pièce similaire - TPS54418_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54418 TI-TPS54418_10 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418_101 TI-TPS54418_101 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
More results

Description similaire - TPS54418_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_1 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com