Moteur de recherche de fiches techniques de composants électroniques |
|
ML2035 Fiches technique(PDF) 9 Page - Micro Linear Corporation |
|
ML2035 Fiches technique(HTML) 9 Page - Micro Linear Corporation |
9 / 9 page ML2035 9 Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design. Micro Linear does not assume any liability arising out of the application or use of any product described herein, neither does it convey any license under its patent right nor the rights of others. The circuits contained in this data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility or liability for use of any application herein. The customer is urged to consult with appropriate legal counsel before deciding on a particular application. DS2035-01 ORDERING INFORMATION PART NUMBER TEMPERATURE RANGE PACKAGE ML2035CP 0ºC to 70ºC 8-Pin PDIP (P08) ML2035IP -40ºC to 85ºC 8-Pin PDIP (P08) 2092 Concourse Drive San Jose, CA 95131 Tel: (408) 433-5200 Fax: (408) 432-0295 © Micro Linear 1997. is a registered trademark of Micro Linear Corporation. Productsdescribedhereinmaybecoveredbyoneormoreofthefollowingpatents:4,897,611;4,964,026;5,027,116;5,281,862;5,283,483;5,418,502;5,508,570;5,510,727;5,523,940;5,546,017;5,559,470; 5,565,761;5,592,128;5,594,376.Otherpatentsarepending. PHYSICAL DIMENSIONS inches (millimeters) SEATING PLANE 0.240 - 0.260 (6.09 - 6.60) PIN 1 ID 0.299 - 0.335 (7.59 - 8.50) 0.365 - 0.385 (9.27 - 9.77) 0.016 - 0.020 (0.40 - 0.51) 0.100 BSC (2.54 BSC) 0.008 - 0.012 (0.20 - 0.31) 0.015 MIN (0.38 MIN) 8 0º - 15º 1 0.055 - 0.065 (1.39 - 1.65) 0.170 MAX (4.32 MAX) 0.125 MIN (3.18 MIN) 0.020 MIN (0.51 MIN) (4 PLACES) Package: P08 8-Pin PDIP |
Numéro de pièce similaire - ML2035 |
|
Description similaire - ML2035 |