Moteur de recherche de fiches techniques de composants électroniques |
|
ML2035 Fiches technique(PDF) 3 Page - Micro Linear Corporation |
|
ML2035 Fiches technique(HTML) 3 Page - Micro Linear Corporation |
3 / 9 page ML2035 3 ELECTRICAL CHARACTERISTICS Unless otherwise specified, VCC = 4.5V to 5.5V, VSS = -4.5V to -5.5V, CLK IN = 12.352MHz, CL = 100pF, RL = 1kW, TA = Operating Temperature Range (Note 1) SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS OUTPUT HD Harmonic Distortion 20Hz to 5kHz -45 dB (2nd and 3rd Harmonic) 5kHz to 25kHz -40 dB SND Signal to Noise + Distortion 200Hz to 3.4kHz, -45 dB fOUT BW = 20Hz to 4kHz 20Hz to 25kHz, -40 dB fOUT BW = 20 Hz to 75kHz VGN Gain Error 20Hz < fOUT < 5kHz ±0.15 dB 5kHz < fOUT < 25kHz ±0.3 dB ICN Idle Channel Noise Power Down Mode, Cmsg Weighted -20 0 dBrnc Power Down Mode, 1kHz 50 nV/ ÖHz PSRR Power Supply Rejection Ratio 200mVP-P, 0 - 10kHz VCC -40 dB Sine, Measured on VOUT VSS -40 dB VOS VOUT Offset Voltage ±75 mV VP-P Peak-to-Peak Output Voltage ±VCC/2 V OSCILLATOR VIL CLK CLK IN Input Low Voltage 1.5 V VIH CLK CLK IN Input High Voltage 3.5 V IIL CLK CLK IN Input Low Current -250 µA IIH CLK CLK IN Input High Current 250 µA CIN CLK CLK IN Input Capacitance 12 pF tCKI CLK IN On/Off Period tR = tF = 10ns, 2.5V Midpoint 30 ns LOGIC (LATI, SID, SCK) VIL Input Low Voltage 0.8 V VIH Input High Voltage 2.0 V IIL Input Low Current VIN = 0V -1 µA IIH Input High Current VIN = VCC 1µA ABSOLUTE MAXIMUM RATINGS Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. VCC .............................................................................................. 6.5V VSS ............................................................................................. -6.5V VOUT .................................................... VSS - 0.3V to VCC + 0.3V Voltage on any other pin ........ GND - 0.3V to VCC + 0.3V Input Current ........................................................ ±25mA Junction Temperature .............................................. 150ºC Storage Temperature Range ...................... –65ºC to 150ºC Lead Temperature (Soldering, 10 sec) ...................... 260ºC Thermal Resistance ( qJA) .................................... 110ºC/W OPERATING CONDITIONS Temperature Range ML2035CP ................................................. 0ºC to 70ºC ML2035IP ............................................... -40ºC to 85ºC VCC Range ................................................... 4.5V to 5.5V VSS Range ................................................. -4.5V to -5.5V |
Numéro de pièce similaire - ML2035 |
|
Description similaire - ML2035 |