Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54339 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPS54339
Description  4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54339 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS54339_15 Datasheet HTML 1Page - Texas Instruments TPS54339_15 Datasheet HTML 2Page - Texas Instruments TPS54339_15 Datasheet HTML 3Page - Texas Instruments TPS54339_15 Datasheet HTML 4Page - Texas Instruments TPS54339_15 Datasheet HTML 5Page - Texas Instruments TPS54339_15 Datasheet HTML 6Page - Texas Instruments TPS54339_15 Datasheet HTML 7Page - Texas Instruments TPS54339_15 Datasheet HTML 8Page - Texas Instruments TPS54339_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
POWER PAD
TPS54339
DDA
HSOP8
SW
VBST
SS
VFB
GND
8
2
3
4
1
EN
VREG5
7
6
5
VIN
TPS54339
SLVSBT2 – JANUARY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SOFT START
ISSC
SS charge current
VSS = 1.0 V
4.2
6.0
7.8
μA
ISSD
SS discharge current
VSS = 0.5 V
0.8
1.5
mA
HICCUP AND OVERVOLTAGE PROTECTION
VOVP
Output OVP threshold
OVP Detect (L>H)
125%
VUVP
Output Hiccup threshold
Hiccup detect (H>L)
65%
TUVPDEL
Output Hiccup delay
to Hiccup state
6
µs
TUVPEN
Output Hiccup Enable delay
Relative to soft-start time
x1.7
UVLO
Wake up VREG5 voltage
3.45
3.75
4.05
UVLO
UVLO threshold
V
Hysteresis VREG5 voltage
0.17
0.33
0.47
DEVICE INFORMATION
DDA PACKAGE
(TOP VIEW)
PIN FUNCTIONS
PIN
DESCRIPTION
NAME
NO.
Supply input for the high-side FET gate drive circuit. Connect 0.1µF capacitor between VBST and SW pins.
VBST
1
An internal diode is connected between VREG5 and VBST.
VIN
2
Input voltage supply pin.
SW
3
Switch node connection between high-side NFET and low-side NFET.
Ground pin. Power ground return for switching circuit. Connect sensitive SS and VFB returns to GND at a
GND
4
single point.
VFB
5
Converter feedback input. Connect to output voltage with feedback resistor divider.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54339


Numéro de pièce similaire - TPS54339_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54339DDA TI-TPS54339DDA Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS54339DDAR TI-TPS54339DDAR Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS54339E TI-TPS54339E Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339E TI-TPS54339E Datasheet
932Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54339EDDA TI-TPS54339EDDA Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
More results

Description similaire - TPS54339_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com