Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54295 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TPS54295
Description  2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54295 Fiches technique(HTML) 2 Page - Texas Instruments

  TPS54295_15 Datasheet HTML 1Page - Texas Instruments TPS54295_15 Datasheet HTML 2Page - Texas Instruments TPS54295_15 Datasheet HTML 3Page - Texas Instruments TPS54295_15 Datasheet HTML 4Page - Texas Instruments TPS54295_15 Datasheet HTML 5Page - Texas Instruments TPS54295_15 Datasheet HTML 6Page - Texas Instruments TPS54295_15 Datasheet HTML 7Page - Texas Instruments TPS54295_15 Datasheet HTML 8Page - Texas Instruments TPS54295_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TPS54295
SLVSB01C – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
ORDERING PART
TA
PACKAGE
PINS
OUTPUT SUPPLY
ECO PLAN
NUMBER
TPS54295PWPR
Tape-and-Reel
Green (RoHS and no
PWP
16
Sb/Br)
TPS54295PWP
Tube
–40
℃ to 85℃
TPS54295RSAR
Tape-and-Reel
Green (RoHS and no
RSA
16
Sb/Br)
TPS54295RSAT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
VALUE
UNIT
VIN1, VIN2, EN1, EN2
–0.3 to 20
VBST1, VBST2
–0.3 to 26
VBST1, VBST2 (10ns transient)
–0.3 to 28
Input voltage range
VBST1–SW1 , VBST2–SW2
–0.3 to 6.5
V
VFB1, VFB2
–0.3 to 6.5
SW1, SW2
–2 to 20
SW1, SW2 (10ns transient)
–3 to 22
VREG5, SS1, SS2
–0.3 to 6.5
Output voltage range
V
PGND1, PGND2
–0.3 to 0.3
Human Body Model (HBM)
2
kV
Electrostatic discharge
Charged Device Model (CDM)
500
V
TA
Operating ambient temperature range
–40 to 85
°C
TSTG
Storage temperature range
–55 to 150
°C
TJ
Junction temperature range
–40 to 150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" are not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to IC GND terminal.
THERMAL INFORMATION
TPS54295
THERMAL METRIC(1)
UNITS
PWP (16) PINS
RSA (16) PINS
θJA
Junction-to-ambient thermal resistance
47.5
34.9
θJCtop
Junction-to-case (top) thermal resistance
27.1
40.0
θJB
Junction-to-board thermal resistance
20.8
11.8
°C/W
ψJT
Junction-to-top characterization parameter
1.0
0.7
ψJB
Junction-to-board characterization parameter
20.6
11.3
θJCbot
Junction-to-case (bottom) thermal resistance
2.7
3.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: TPS54295


Numéro de pièce similaire - TPS54295_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54295 TI1-TPS54295_16 Datasheet
1Mb / 34P
[Old version datasheet]   TPS54295 2-A Dual Channel Synchronous Step-Down Switcher With Integrated FET
More results

Description similaire - TPS54295_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495 TI1-TPS54495_16 Datasheet
990Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI-TPS54494_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI-TPS542951_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951 Datasheet
900Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294 Datasheet
918Kb / 24P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS54494 TI1-TPS54494_16 Datasheet
979Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com