Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI7998DP Fiches technique(PDF) 4 Page - Vishay Telefunken

No de pièce SI7998DP
Description  Dual N-Channel 30 V (D-S) MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TFUNK [Vishay Telefunken]
Site Internet  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7998DP Fiches technique(HTML) 4 Page - Vishay Telefunken

  SI7998DP Datasheet HTML 1Page - Vishay Telefunken SI7998DP Datasheet HTML 2Page - Vishay Telefunken SI7998DP Datasheet HTML 3Page - Vishay Telefunken SI7998DP Datasheet HTML 4Page - Vishay Telefunken SI7998DP Datasheet HTML 5Page - Vishay Telefunken SI7998DP Datasheet HTML 6Page - Vishay Telefunken SI7998DP Datasheet HTML 7Page - Vishay Telefunken SI7998DP Datasheet HTML 8Page - Vishay Telefunken SI7998DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Si7998DP
www.vishay.com
Vishay Siliconix
S14-1941-Rev. C, 29-Sep-14
4
Document Number: 68970
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CHANNEL-1 TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS =10Vthru4V
VGS =3V
VDS - Drain-to-Source Voltage (V)
0.005
0.007
0.009
0.011
0.013
0
102030
405060
VGS =4.5 V
VGS =10V
ID - Drain Current (A)
0
2
4
6
8
10
0369
12
15
18
VDS =24V
ID =15A
VDS =15V
Qg - Total Gate Charge (nC)
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TC = 25 °C
TC = 125 °C
TC =- 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
300
600
900
1200
1500
0
5
10
15
20
25
30
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
VGS =4.5 V, 10 V
ID =15A
TJ - Junction Temperature (°C)


Numéro de pièce similaire - SI7998DP

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7998DP VISHAY-SI7998DP Datasheet
143Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-09
logo
Vishay Telefunken
SI7998DP TFUNK-SI7998DP Datasheet
393Kb / 18P
   Dual N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI7998DP VISHAY-SI7998DP Datasheet
394Kb / 18P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7998DP-T1-GE3 VISHAY-SI7998DP-T1-GE3 Datasheet
394Kb / 18P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7998DP VISHAY-SI7998DP_V01 Datasheet
394Kb / 18P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI7998DP

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com