Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4914BDY Fiches technique(PDF) 9 Page - Vishay Telefunken

No de pièce SI4914BDY
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TFUNK [Vishay Telefunken]
Site Internet  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4914BDY Fiches technique(HTML) 9 Page - Vishay Telefunken

Back Button SI4914BDY Datasheet HTML 5Page - Vishay Telefunken SI4914BDY Datasheet HTML 6Page - Vishay Telefunken SI4914BDY Datasheet HTML 7Page - Vishay Telefunken SI4914BDY Datasheet HTML 8Page - Vishay Telefunken SI4914BDY Datasheet HTML 9Page - Vishay Telefunken SI4914BDY Datasheet HTML 10Page - Vishay Telefunken SI4914BDY Datasheet HTML 11Page - Vishay Telefunken SI4914BDY Datasheet HTML 12Page - Vishay Telefunken SI4914BDY Datasheet HTML 13Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Document Number: 69654
S09-2109-Rev. E, 12-Oct-09
www.vishay.com
9
Vishay Siliconix
Si4914BDY
CHANNEL-2 TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Reverse Current Schottky
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
TJ = 25 °C
0
25
50
75
100
125
150
TJ - Temperature (°C)
VDS =30 V
VDS =20 V
VDS =10 V
10-3
10-5
10-6
10-4
10-2
10-1
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0
0.02
0.04
0.06
0.08
0.10
0
246
8
10
VGS - Gate-to-Source Voltage (V)
TA = 25 °C
TA = 125 °C
0
20
40
60
80
100
0
1
1
1
0
0
.
00.01
Time (s)
0.1
Safe Operating Area
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
100
1
0.1
1
10
100
0.01
10
1ms
0.1
TA = 25 °C
Single Pulse
10 ms
100 ms
DC
1s
10 s
Limited byRDS(on)*


Numéro de pièce similaire - SI4914BDY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4914BDY VISHAY-SI4914BDY Datasheet
276Kb / 15P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. E, 12-Oct-09
SI4914BDY VISHAY-SI4914BDY Datasheet
211Kb / 14P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI4914BDY-T1-E3 VISHAY-SI4914BDY-T1-E3 Datasheet
276Kb / 15P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. E, 12-Oct-09
SI4914BDY-T1-GE3 VISHAY-SI4914BDY-T1-GE3 Datasheet
276Kb / 15P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. E, 12-Oct-09
SI4914BDY VISHAY-SI4914BDY_V01 Datasheet
211Kb / 14P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results

Description similaire - SI4914BDY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com