Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54262-Q1 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS54262-Q1
Description  TPS54262-Q1 Automotive 2-A 60-V Step-Down DC-DC Converter With Low I(q) and
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54262-Q1 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS54262-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS54262-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS54262-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS54262-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS54262-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS54262-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS54262-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS54262-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS54262-Q1_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
TPS54262-Q1
SLVS996D – SEPTEMBER 2009 – REVISED SEPTEMBER 2015
www.ti.com
6.5 DC Electrical Characteristics
VIN = 7 V to 48 V, EN = VIN, TJ = –40°C to 150°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TEST(1)
MIN
TYP
MAX
UNIT
INPUT POWER SUPPLY
Normal mode: after initial start-up
3.6
48
Falling threshold
8
(LPM disabled)
Rising threshold
VIN
Supply voltage on VIN
Info
V
8.5
Low-power mode
(LPM activated)
High voltage
threshold
29
31
34
(LPM disabled)
Quiescent current,
Open loop test – maximum duty cycle
Iq-Normal
PT
5
10
mA
normal mode
VIN = 7 V to 48 V
TA = 25°C
50
70
ILoad < 1 mA, VIN =
12 V
–40 < TJ < 150°C
75
Quiescent current, low-
Iq-LPM
PT
µA
power mode
TA = 25°C
75
ILoad < 1 mA, VIN =
24 V
–40 < TJ < 150°C
75
EN = 0 V, device is
TA = 25°C, VIN = 12
ISD
Shutdown current
PT
1
4
µA
off
V
TRANSITION TIMES (LOW POWER – NORMAL MODES)
Transition delay, normal
td1
VIN = 12 V, VReg = 5 V, ILoad = 1 A to 1 mA
CT
100
µs
mode to low-power mode
Transition delay, low-
td2
power mode to normal
VIN = 12 V, VReg = 5 V ILoad = 1 mA to 1 A
CT
5
µs
mode
SWITCH MODE SUPPLY; VReg
VReg
Regulator output
VSENSE = 0.8 Vref
Info
0.9
18
V
VSENSE
Feedback voltage
VReg = 0.9 V to 18 V (open loop)
CT
0.788
0.8
0.812
V
RDS(ON)
Internal switch resistance
Measured across VIN and PH, ILoad = 500 mA
PT
500
m
Switch current limit, cycle
ICL
VIN = 12 V
Info
2.5
3.2
4.1
A
by cycle
tON-Min
Duty cycle pulse width
Bench CHAR only
Info
50
100
150
ns
tOFF-Min
Bench CHAR only
Info
100
200
250
fsw
Switching frequency
Set using external resistor on RT pin
PT
0.2
2.2
MHz
Internal oscillator
PT
fsw
–10%
10%
frequency tolerance
ISink
Start-up condition
OV_TH = 0 V, VReg = 10 V
Info
1
mA
ILimit
Prevent overshoot
0 V < OV_TH < 0.8 V, VReg = 10 V
Info
80
mA
(1)
PT: Production tested
CT: Characterization tested only, not production tested
Info: User information only, not production tested
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPS54262-Q1


Numéro de pièce similaire - TPS54262-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54262-Q1 TI1-TPS54262-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   2-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54262-Q1 TI1-TPS54262-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   2-A 60-V Step-Down DC-DC Converter With Low I(q) and Voltage Supervisor
More results

Description similaire - TPS54262-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54362-Q1 TI-TPS54362-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low I(q)
TPS54262-EP TI1-TPS54262-EP_19 Datasheet
2Mb / 48P
[Old version datasheet]   2-A 60-V Step-Down DC-DC Converter With Low I(q) and Voltage Supervisor
TPS54262-EP TI1-TPS54262-EP Datasheet
2Mb / 48P
[Old version datasheet]   2-A 60-V Step-Down DC-DC Converter With Low I(q) and Voltage Supervisor
TPS54362-Q1 TI1-TPS54362-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
TPS54262-Q1 TI1-TPS54262-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   2-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54162-Q1 TI1-TPS54162-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54162-Q1 TI-TPS54162-Q1_15 Datasheet
2Mb / 42P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54060-EP TI1-TPS54060-EP Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54561-Q1 TI-TPS54561-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com