Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54260-Q1 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TPS54260-Q1
Description  TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode?
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54260-Q1 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS54260-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS54260-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS54260-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS54260-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS54260-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS54260-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS54260-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS54260-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS54260-Q1_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
0
100
200
300
400
500
200
300
400
500
600
700
800
900 1000 1100
RT/CLK Resistance (kW)
1200
C006
0
500
1000
1500
2000
2500
0
25
50
75
100
125
150
175
200
RT/CLK Resistance (kW)
C005
5.0
5.5
6.0
7.0
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
6.5
V =12V
I
550
570
580
590
600
610
–50
–25
0
25
50
75
100
125
150
560
Junction Temperature (°C)
C004
0
125
250
375
500
–50
–25
0
25
50
75
100
125
150
Junction Temperature (°C)
BOOT-PH = 3 V
BOOT-PH = 6 V
C001
0.784
0.792
0.800
0.808
0.816
–50
–25
0
25
50
75
100
125
150
Junction Temperature (°C)
C002
TPS54260-Q1
www.ti.com
SLVSAH8F – DECEMBER 2010 – REVISED AUGUST 2015
6.6 Typical Characteristics
Figure 1. On Resistance vs Junction Temperature
Figure 2. Voltage Reference vs Junction Temperature
Figure 4. Switching Frequency vs Junction Temperature
Figure 3. Switch Current Limit vs Junction Temperature
Figure 5. Switching Frequency vs RT/CLK Resistance High
Figure 6. Switching Frequency vs RT/CLK Resistance Low
Frequency Range
Frequency Range
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS54260-Q1


Numéro de pièce similaire - TPS54260-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54260-Q1 TI1-TPS54260-Q1_16 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
More results

Description similaire - TPS54260-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54260-Q1 TI1-TPS54260-Q1_16 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260-EP TI1-TPS54260-EP_17 Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-EP TI1-TPS54260-EP Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54240 TI1-TPS54240_16 Datasheet
2Mb / 56P
[Old version datasheet]   3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com