Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54239E Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPS54239E
Description  4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT??Converter With Eco-mode?
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54239E Fiches technique(HTML) 1 Page - Texas Instruments

  TPS54239E_15 Datasheet HTML 1Page - Texas Instruments TPS54239E_15 Datasheet HTML 2Page - Texas Instruments TPS54239E_15 Datasheet HTML 3Page - Texas Instruments TPS54239E_15 Datasheet HTML 4Page - Texas Instruments TPS54239E_15 Datasheet HTML 5Page - Texas Instruments TPS54239E_15 Datasheet HTML 6Page - Texas Instruments TPS54239E_15 Datasheet HTML 7Page - Texas Instruments TPS54239E_15 Datasheet HTML 8Page - Texas Instruments TPS54239E_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SS
EN
VREG5
VFB
1
2
3
4
VBST
VIN
SW
GND
8
7
6
5
VOUT
PwPd
TPS54239EDDA
9
VOUT
VIN
EN
Vout (50 mV/div)
Iout (1 A/div)
100 us/div
TPS54239E
www.ti.com
SLVSBT1 – JANUARY 2013
4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT™ Converter With Eco-mode™
Check for Samples: TPS54239E
1
FEATURES
DESCRIPTION
The TPS54239E is an adaptive on-time D-CAP2™
23
D-CAP2™ Mode Enables Fast Transient
mode synchronous buck converter. The TPS54239E
Response
enables system designers to complete the suite of
Low Output Ripple and Allows Ceramic Output
various end-equipment power bus regulators with a
Capacitor
cost effective, low component count, low standby
current solution. The main control loop for the
Wide VIN Input Voltage Range: 4.5 V to 23 V
TPS54239E uses the D-CAP2™ mode control that
Output Voltage Range: 0.76 V to 7.0 V
provides a fast transient response with no external
Highly Efficient Integrated FETs Optimized
compensation components. The adaptive on-time
for Lower Duty Cycle Applications
control supports seamless transition between PWM
– 140 m
Ω (High Side) and 70 mΩ (Low Side)
mode at higher load conditions and Eco-mode™
operation at light loads. Eco-mode™ allows the
High Efficiency, less than 10
μA at shutdown
TPS54239 to maintain high efficiency during lighter
High Initial Bandgap Reference Accuracy
load
conditions.
The
TPS54239E
also
has
a
Adjustable Soft Start
proprietary circuit that enables the device to adopt to
both low equivalent series resistance (ESR) output
Pre-Biased Soft Start
capacitors, such as POSCAP or SP-CAP, and ultra-
600-kHz Switching Frequency (fSW)
low ESR ceramic capacitors. The device operates
Cycle By Cycle Over Current Limit
from 4.5-V to 23-V VIN input. The output voltage can
be programmed between 0.76 V and 7 V. The device
Auto-Skip Eco-mode™ for High Efficiency at
also features an adjustable soft start time. The
Light Load
TPS54239E is available in the 8-pin DDA package,
and designed to operate from –40°C to 85°C.
APPLICATIONS
Wide Range of Applications for Low Voltage
System
Digital TV Power Supply
High Definition Blu-ray Disc™ Players
Networking Home Terminal
Digital Set Top Box (STB)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP2, Eco-mode are trademarks of Texas Instruments.
3
Blu-ray Disc is a trademark of Blu-ray Disc Association.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS54239E_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54239EDDA TI-TPS54239EDDA Datasheet
1,003Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter With Eco-mode
TPS54239EDDAR TI-TPS54239EDDAR Datasheet
1,003Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter With Eco-mode
More results

Description similaire - TPS54239E_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54239E TI-TPS54239E Datasheet
1,003Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter With Eco-mode
TPS54339E TI-TPS54339E Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339E TI-TPS54339E_15 Datasheet
932Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54239 TI-TPS54239_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT??Converter
TPS54239 TI-TPS54239 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter
TPS54426RSAR TI-TPS54426RSAR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54328 TI1-TPS54328 Datasheet
667Kb / 21P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54626 TI1-TPS54626 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down SWIFT Converter with ECO-Mode
TPS54426 TI-TPS54426_10 Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54426 TI-TPS54426_15 Datasheet
1Mb / 29P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com