Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3410DV Fiches technique(PDF) 1 Page - Vishay Telefunken

No de pièce SI3410DV
Description  N-Channel 30-V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TFUNK [Vishay Telefunken]
Site Internet  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI3410DV Fiches technique(HTML) 1 Page - Vishay Telefunken

  SI3410DV Datasheet HTML 1Page - Vishay Telefunken SI3410DV Datasheet HTML 2Page - Vishay Telefunken SI3410DV Datasheet HTML 3Page - Vishay Telefunken SI3410DV Datasheet HTML 4Page - Vishay Telefunken SI3410DV Datasheet HTML 5Page - Vishay Telefunken SI3410DV Datasheet HTML 6Page - Vishay Telefunken SI3410DV Datasheet HTML 7Page - Vishay Telefunken SI3410DV Datasheet HTML 8Page - Vishay Telefunken SI3410DV Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
Si3410DV
Document Number: 69254
S09-2110-Rev. B, 12-Oct-09
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET® Power MOSFET
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Notebook Load Switch
Low Current dc-to-dc
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
30
0.0195 at VGS = 10 V
8
9.2 nC
0.023 at VGS = 4.5 V
8
Notes:
a. Package Limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under Steady State conditions is 110 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
8a
A
TC = 70 °C
8a
TA = 25 °C
7.5b,c
TA = 70 °C
5.9b,c
Pulsed Drain Current
IDM
30
Continuous Source-Drain Diode Current
TC = 25 °C
IS
2.7
TA = 25 °C
1.7b,c
Maximum Power Dissipation
TC = 25 °C
PD
4.1
W
TC = 70 °C
2.6
TA = 25 °C
2b,c
TA = 70 °C
1.25b,c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
45
62.5
°C/W
Maximum Junction-to-Foot
Steady State
RthJF
25
30
Marking Code
AM
XXX
Lot Traceability
and Date Code
Part # Code
Ordering Information: Si3410DV-T1-E3 (Lead (Pb)-free)
Si3410DV-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
TSOP-6
Top View
6
4
1
2
3
5
3 mm
2.85 mm
D
D
D
D
S
G
(1, 2, 5, 6)
(3)
(4)


Numéro de pièce similaire - SI3410DV

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI3410DV VISHAY-SI3410DV Datasheet
142Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 08-Oct-07
SI3410DV VISHAY-SI3410DV Datasheet
195Kb / 11P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 12-Oct-09
SI3410DV-T1-E3 VISHAY-SI3410DV-T1-E3 Datasheet
142Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 08-Oct-07
logo
VBsemi Electronics Co.,...
SI3410DV-T1-GE3 VBSEMI-SI3410DV-T1-GE3 Datasheet
486Kb / 9P
   N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI3410DV VISHAY-SI3410DV_09 Datasheet
195Kb / 11P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 12-Oct-09
More results

Description similaire - SI3410DV

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com