Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54225 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS54225
Description  4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54225 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS54225_15 Datasheet HTML 6Page - Texas Instruments TPS54225_15 Datasheet HTML 7Page - Texas Instruments TPS54225_15 Datasheet HTML 8Page - Texas Instruments TPS54225_15 Datasheet HTML 9Page - Texas Instruments TPS54225_15 Datasheet HTML 10Page - Texas Instruments TPS54225_15 Datasheet HTML 11Page - Texas Instruments TPS54225_15 Datasheet HTML 12Page - Texas Instruments TPS54225_15 Datasheet HTML 13Page - Texas Instruments TPS54225_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
V
-50mV/div
OUT
I
-2 A/div
OUT
100
s/div
m
1
1.025
1.05
1.075
1.1
0
5
10
15
20
V
-InputVoltage-V
IN
I
=1 A
O
I
=0 A
O
EN-10V/div
V
-0.5V/div
OUT
PG-5V/div
400
s/div
m
40
50
60
70
80
90
100
0
0.5
1
1.5
2
I
-OutputCurrent- A
OUT
V
=3.3V
O
V
=2.5V
O
V
=1.8V
O
TPS54225
SLVSA15C
– OCTOBER 2009 – REVISED FEBRUARY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 5. 1.05-V OUTPUT VOLTAGE vs INPUT VOLTAGE
Figure 6. 1.05-V, 0-A TO 2-A-LOAD TRANSIENT
RESPONSE
Figure 7. START-UP WAVEFORM
Figure 8. EFFICIENCY vs. OUTPUT CURRENT
10
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS54225


Numéro de pièce similaire - TPS54225_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225PWP TI1-TPS54225PWP Datasheet
849Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225PWPR TI1-TPS54225PWPR Datasheet
849Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225TPWPRQ1 TI1-TPS54225TPWPRQ1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
More results

Description similaire - TPS54225_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI1-TPS54225 Datasheet
849Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54226 TI1-TPS54226_17 Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
TPS54226 TI-TPS54226_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI-TPS54226 Datasheet
725Kb / 21P
[Old version datasheet]   4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54326 TI-TPS54326 Datasheet
880Kb / 22P
[Old version datasheet]   4.5V to 18V Input 3-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com