Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT62-07W Fiches technique(PDF) 8 Page - Infineon Technologies AG

No de pièce BAT62-07W
Description  Low barrier diode for detectors up to GHz frequencies
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT62-07W Fiches technique(HTML) 8 Page - Infineon Technologies AG

Back Button BAT62-07W Datasheet HTML 4Page - Infineon Technologies AG BAT62-07W Datasheet HTML 5Page - Infineon Technologies AG BAT62-07W Datasheet HTML 6Page - Infineon Technologies AG BAT62-07W Datasheet HTML 7Page - Infineon Technologies AG BAT62-07W Datasheet HTML 8Page - Infineon Technologies AG BAT62-07W Datasheet HTML 9Page - Infineon Technologies AG BAT62-07W Datasheet HTML 10Page - Infineon Technologies AG BAT62-07W Datasheet HTML 11Page - Infineon Technologies AG BAT62-07W Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
2014-02-13
8
BAT62...
Permissible Pulse Load
IFmax/ IFDC = ƒ (tp)
BAT62-07W
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Puls Load RthJS = ƒ (tp)
BAT62-07W
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Rectifier voltage Vout = ƒ (Vin)
f
= 900MHz
RL = Parameter in kΩ
10
0
10
1
10
2
10
3
10
4
mV
VI
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
mV
1000
500
200
100
50
20
10
Testcircuit
D.U.T
R IN
R L
C L
1nF
50 Ω
V I
V 0


Numéro de pièce similaire - BAT62-07W

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BAT62-07W SIEMENS-BAT62-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
logo
Infineon Technologies A...
BAT62-07W INFINEON-BAT62-07W Datasheet
519Kb / 9P
   Silicon Schottky Diode
Apr-22-2004
BAT62-07W INFINEON-BAT62-07W Datasheet
95Kb / 4P
   Silicon Schottky Diode
Oct-07-1999
logo
Guangdong Kexin Industr...
BAT62-07W KEXIN-BAT62-07W Datasheet
36Kb / 1P
   Silicon Schottky Diode
logo
Infineon Technologies A...
BAT62-07W INFINEON-BAT62-07W Datasheet
209Kb / 18P
   Silicon Schottky Diode
2007-04-19
More results

Description similaire - BAT62-07W

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
Siemens Semiconductor G...
BAT62-02W SIEMENS-BAT62-02W Datasheet
26Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62 SIEMENS-BAT62 Datasheet
79Kb / 3P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies.)
BAT62-03W SIEMENS-BAT62-03W Datasheet
39Kb / 4P
   Silicon Schottky Diode (Low Barrier diode for detectors up to GHz frequencies)
BAT62-07W SIEMENS-BAT62-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT63 SIEMENS-BAT63 Datasheet
114Kb / 3P
   Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
BAT63-099R SIEMENS-BAT63-099R Datasheet
87Kb / 4P
   Silicon Schottky Diodes (Zero bias diode array for mixer and detectors up to GHz frequencies Crossover ring quad)
logo
Agilent(Hewlett-Packard...
423B HP-423B Datasheet
372Kb / 4P
   Low Barrier Schottky Diode Detectors
logo
STMicroelectronics
ST50V10100 STMICROELECTRONICS-ST50V10100 Datasheet
325Kb / 7P
   RF Power LDMOS transistor for frequencies up to 1.5 GHz
March 2019 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com