Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54061 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPS54061
Description  TPS54061 Wide Input 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54061 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS54061_15 Datasheet HTML 1Page - Texas Instruments TPS54061_15 Datasheet HTML 2Page - Texas Instruments TPS54061_15 Datasheet HTML 3Page - Texas Instruments TPS54061_15 Datasheet HTML 4Page - Texas Instruments TPS54061_15 Datasheet HTML 5Page - Texas Instruments TPS54061_15 Datasheet HTML 6Page - Texas Instruments TPS54061_15 Datasheet HTML 7Page - Texas Instruments TPS54061_15 Datasheet HTML 8Page - Texas Instruments TPS54061_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
2
Thermal
Pad (9)
COMP
3
6
1
4
7
8
5
EN
GND
PH
VSENSE
VIN
BOOT
RT/CLK
See appended
Mechanical
Data for
size and shape
TPS54061
www.ti.com
SLVSBB7E – MAY 2012 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
VSON PACKAGE
8 PINS
BOTTOM VIEW
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NUMBER
A bootstrap capacitor is required between BOOT and PH. If the voltage on this capacitor is below
BOOT
1
O
the minimum required by the output device, the output is forced to switch off until the capacitor is
refreshed.
VIN
2
I
Input supply voltage, 4.7 V to 60 V.
Enable pin with internal pull-up current source. Pull below 1.18 V to disable. Float to enable. Adjust
EN
3
I
the input undervoltage lockout (UVLO) with two resistors, see the Enable and Adjusting
Undervoltage Lockout section.
Resistor Timing and External Clock. An internal amplifier holds this pin at a fixed voltage when
using an external resistor to ground to set the switching frequency. If the pin is pulled above the PLL
upper threshold, a mode change occurs and the pin becomes a synchronization input. The internal
RT/CLK
4
I
amplifier is disabled and the pin is a high impedance clock input to the internal PLL. If clocking
edges stop, the internal amplifier is re-enabled and the mode returns to a resistor frequency
programming.
VSENSE
5
I
Inverting input of the transconductance (gm) error amplifier.
Error amplifier output and input to the output switch current comparator. Connect frequency
COMP
6
O
compensation components to this pin.
GND
7
Ground
PH
8
O
The source of the internal high-side power MOSFET and drain of the internal low-side MOSFET
Thermal
GND pin must be electrically connected to the exposed pad on the printed circuit board for proper
9
Pad
operation.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS54061


Numéro de pièce similaire - TPS54061_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54061-Q1 TI1-TPS54061-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Step-Down DC?밆C Converter
TPS54061-Q1 TI-TPS54061-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Wide-Input, 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS54061-Q1 TI1-TPS54061-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Step-Down DC?밆C Converter
TPS54061DRBR TI1-TPS54061DRBR Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input 60V, 200mA Synchronous Step-Down DC-DC Converter with Low IQ
TPS54061DRBT TI1-TPS54061DRBT Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input 60V, 200mA Synchronous Step-Down DC-DC Converter with Low IQ
More results

Description similaire - TPS54061_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54061-Q1 TI-TPS54061-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Wide-Input, 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS54061 TI1-TPS54061 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input 60V, 200mA Synchronous Step-Down DC-DC Converter with Low IQ
TPS54062 TI1-TPS54062_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
TPS54062 TI-TPS54062_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54062 4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Texas Instruments
TPS54362-HT TI-TPS54362-HT_15 Datasheet
528Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW Iq
TPS54362-Q1 TI1-TPS54362-Q1 Datasheet
920Kb / 35P
[Old version datasheet]   3A, 60V STEP DOWN DC/DC CONVERTER WITH LOW Iq
OCTOBER2011
logo
Linear Technology
LTC3895 LINER-LTC3895 Datasheet
2Mb / 38P
   150V Low IQ, Synchronous Step-Down DC/DC Controller
LTC7801 LINER-LTC7801 Datasheet
2Mb / 38P
   150V Low IQ, Synchronous Step-Down DC/DC Controller
logo
Texas Instruments
LMR51440 TI-LMR51440 Datasheet
2Mb / 39P
[Old version datasheet]   LMR514x0, 36-V, 4-A/5-A Synchronous Step-Down DC/DC Converter With Low IQ
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com