Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54040A Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TPS54040A
Description  0.5 A, 42 V Step Down DC/DC Converter with Eco-mode?
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54040A Fiches technique(HTML) 2 Page - Texas Instruments

  TPS54040A_15 Datasheet HTML 1Page - Texas Instruments TPS54040A_15 Datasheet HTML 2Page - Texas Instruments TPS54040A_15 Datasheet HTML 3Page - Texas Instruments TPS54040A_15 Datasheet HTML 4Page - Texas Instruments TPS54040A_15 Datasheet HTML 5Page - Texas Instruments TPS54040A_15 Datasheet HTML 6Page - Texas Instruments TPS54040A_15 Datasheet HTML 7Page - Texas Instruments TPS54040A_15 Datasheet HTML 8Page - Texas Instruments TPS54040A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
TPS54040A
SLVSB58A – MARCH 2012 – REVISED JANUARY 2014
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Table 1. ORDERING INFORMATION(1)
TJ
PACKAGE
PART NUMBER
MSOP-10
TPS54040ADGQ(2)
–40°C to 150°C
VSON-10
TPS54040ADRC(3)
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The DGQ package is also available taped and reeled. Add an R suffix to the device type (i.e., TPS54040ADGQR).
(3)
The DRC package is available in large or small reels. Add an R suffix for large reels, and a T suffix for small reels (i.e.,
TPS54040ADRCR).
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating temperature range (unless otherwise noted).
VALUE
UNIT
MIN
MAX
VIN
–0.3
47
EN
–0.3
5
BOOT
55
VSENSE
–0.3
3
Input voltage
V
COMP
–0.3
3
PWRGD
–0.3
6
SS/TR
–0.3
3
RT/CLK
–0.3
3.6
BOOT-PH
8
Output voltage
PH
–0.6
47
V
PH, 10-ns Transient
–2
47
Voltage Difference
PAD to GND
±200
mV
EN
100
μA
BOOT
100
mA
Source current
VSENSE
10
μA
PH
Current Limit
A
RT/CLK
100
μA
VIN
Current Limit
A
COMP
100
μA
Sink current
PWRGD
10
mA
SS/TR
200
μA
Electrostatic Discharge (HBM) QSS 009-105 (JESD22-A114A)
2
kV
Electrostatic Discharge (CDM) QSS 009-147 (JESD22-C101B.01)
500
V
Operating junction temperature
–40
150
°C
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: TPS54040A


Numéro de pièce similaire - TPS54040A_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54040A TI1-TPS54040A_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results

Description similaire - TPS54040A_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54040A TI1-TPS54040A Datasheet
2Mb / 48P
[Old version datasheet]   0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI1-TPS57040-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI-TPS57040-Q1_15 Datasheet
2Mb / 51P
[Old version datasheet]   TPS57040-Q1 0.5-A 42-V Step-Down DC-DC Converter With Eco-mode?
TPS54060-EP TI1-TPS54060-EP Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54140A TI-TPS54140A_15 Datasheet
2Mb / 58P
[Old version datasheet]   TPS54140A 1.5-A, 42-V Step-Down DC/DC Converter with Eco-mode?
TPS57060-Q1 TI-TPS57060-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com