Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51275B-1RUKR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51275B-1RUKR
Description  TPS51275B-1 Dual Synchronous, Step-Down Controller With 5-V and 3.3-V LDOs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS51275B-1RUKR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS51275B-1RUKR Datasheet HTML 2Page - Texas Instruments TPS51275B-1RUKR Datasheet HTML 3Page - Texas Instruments TPS51275B-1RUKR Datasheet HTML 4Page - Texas Instruments TPS51275B-1RUKR Datasheet HTML 5Page - Texas Instruments TPS51275B-1RUKR Datasheet HTML 6Page - Texas Instruments TPS51275B-1RUKR Datasheet HTML 7Page - Texas Instruments TPS51275B-1RUKR Datasheet HTML 8Page - Texas Instruments TPS51275B-1RUKR Datasheet HTML 9Page - Texas Instruments TPS51275B-1RUKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TPS51275B-1
SLVSCT3 – MARCH 2015
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range, VVIN = 12 V, VVO1 = 5 V, VVFB1 = VVFB2 = 2 V, VEN1 = VEN2 = 3.3 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREG3 OUTPUT
No load, VVO1= 0 V, TA = 25°C
3.267
3.3
3.333
VVIN > 7 V , VVO1= 0 V, IVREG3< 100 mA
3.217
3.3
3.383
5.5 V < VVIN , VVO1= 0 V, IVREG3< 35 mA
3.234
3.3
3.366
0°C
≤ TA ≤ 85°C, VVIN > 5.5 V, VVO1 = 0 V,
VVREG3
VREG3 output voltage
V
3.267
3.3
3.333
IVREG3< 35 mA
0°C
≤ TA ≤ 85°C, VVIN > 5.5 V, VVO1 = 5 V,
3.267
3.3
3.333
IVREG3 < 35 mA
VVIN > 5 V, VVO1 = 0 V, IVREG3< 35 mA
3.217
3.3
3.366
IVREG3
VREG3 current limit
VVO1 = 0 V, VVREG3 = 3.0 V, VVIN= 7 V
100
150
mA
MOSFET DRIVERS
Source, (VVBST – VDRVH) = 0.25 V, (VVBST – VSW) = 5 V
3
RDRVH
DRVH resistance
Ω
Sink, (VDRVH – VSW) = 0.25 V, (VVBST – VSW) = 5 V
1.9
Source, (VVREG5 – VDRVL) = 0.25 V, VVREG5 = 5 V
3
RDRVL
DRVL resistance
Ω
Sink, VDRVL = 0.25 V, VVREG5= 5 V
0.9
INTERNAL BOOT STRAP SWITCH
RVBST (ON)
Boost switch on-resistance
TA = 25°C, IVBST = 10 mA
13
Ω
IVBSTLK
VBST leakage current
TA = 25°C
1
µA
CLOCK OUTPUT
RVCLK (PU)
VCLK on-resistance (pullup)
TA = 25°C
10
Ω
RVCLK (PD)
VCLK on-resistance (pulldown)
TA = 25°C
10
Ω
OUTPUT DISCHARGE
TA = 25°C, VVO1 = 0.5 V
RDIS1
CH1 discharge resistance
35
Ω
VEN1 = VEN2 = 0 V
RDIS2
CH2 discharge resistance
TA = 25°C, VSW2 = 0.5 V, VEN1 = VEN2 = 0 V
70
Ω
POWER GOOD
Lower (rising edge of PG-in)
92.5%
95.0%
97.5%
Hysteresis
5%
VPGTH
PG threshold
Upper (rising edge of PG-out)
107.5% 110.0% 112.5%
Hysteresis
5%
IPGMAX
PG sink current
VPGOOD = 0.5 V
6.5
mA
IPGLK
PG leakage current
VPGOOD = 5.5 V
1
µA
CURRENT SENSING
ICS
CS source current
TA = 25°C, VCS= 0.4 V
9
10
11
μA
TCCS
CS current temperature coefficient(1)
On the basis of 25°C
4500
ppm/°C
VCS
CS current-limit setting range
0.2
2
V
VZC
Zero cross detection offset
TA = 25°C
–1
1
3
mV
LOGIC THRESHOLD
VENX(ON)
EN threshold high-level
SMPS on level
1.6
V
VENX(OFF)
EN threshold low-level
SMPS off level
0.3
V
IEN
EN input current
VENx= 3.3 V
–1
1
µA
OUTPUT OVERVOLTAGE PROTECTION
VOVP
OVP trip threshold
112.5% 115.0% 117.5%
OUTPUT UNDERVOLTAGE PROTECTION
VUVP
UVP trip threshold
55%
60%
65%
(1)
Ensured by design. Not production tested.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS51275B-1


Numéro de pièce similaire - TPS51275B-1RUKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51275B TI-TPS51275B Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275B TI1-TPS51275B Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275BRUKR TI-TPS51275BRUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275BRUKR TI1-TPS51275BRUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275BRUKT TI-TPS51275BRUKT Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results

Description similaire - TPS51275B-1RUKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51275 TI1-TPS51275_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI-TPS51275_13 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI1-TPS51275 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
logo
Vishay Siliconix
SI9130DB VISHAY-SI9130DB Datasheet
157Kb / 4P
   5- and 3.3-V Step-Down Synchronous Converters
10-Feb-97
logo
Analog Devices
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS51285A TI1-TPS51285A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS51285A TI-TPS51285A Datasheet
1Mb / 32P
[Old version datasheet]   Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
logo
Richtek Technology Corp...
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com