Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51275B-1RUKR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51275B-1RUKR
Description  TPS51275B-1 Dual Synchronous, Step-Down Controller With 5-V and 3.3-V LDOs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS51275B-1RUKR Fiches technique(HTML) 5 Page - Texas Instruments

  TPS51275B-1RUKR Datasheet HTML 1Page - Texas Instruments TPS51275B-1RUKR Datasheet HTML 2Page - Texas Instruments TPS51275B-1RUKR Datasheet HTML 3Page - Texas Instruments TPS51275B-1RUKR Datasheet HTML 4Page - Texas Instruments TPS51275B-1RUKR Datasheet HTML 5Page - Texas Instruments TPS51275B-1RUKR Datasheet HTML 6Page - Texas Instruments TPS51275B-1RUKR Datasheet HTML 7Page - Texas Instruments TPS51275B-1RUKR Datasheet HTML 8Page - Texas Instruments TPS51275B-1RUKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TPS51275B-1
www.ti.com
SLVSCT3 – MARCH 2015
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage
VIN
5
24
V
VBST1, VBST2
–0.1
30
VBST1, VBST2(2)
–0.1
5.5
SW1, SW2
–5.5
24
Input voltage(1)
V
EN1, EN2
–0.1
5.5
VFB1, VFB2
–0.1
3.5
VO1
–0.1
5.5
DRVH1, DRVH2
–5.5
30
DRVH1, DRVH2(2)
–0.1
5.5
Output voltage(1)
DRVL1, DRVL2
–0.1
5.5
V
PGOOD, VCLK, VREG5
–0.1
5.5
VREG3, CS1, CS2
–0.1
3.5
Operating free-air temperature, TA
–40
85
°C
(1)
All voltage values are with respect to the network ground terminal unless otherwise noted.
(2)
Voltage values are with respect to the SW terminal.
7.4 Thermal Information
RUK (WQFN)
THERMAL METRIC(1)
UNIT
20 PINS
RθJA
Junction-to-ambient thermal resistance
94.1
RθJC(top)
Junction-to-case (top) thermal resistance
58.1
RθJB
Junction-to-board thermal resistance
64.3
°C/W
ψJT
Junction-to-top characterization parameter
31.8
ψJB
Junction-to-board characterization parameter
58.0
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
over operating free-air temperature range, VVIN = 12 V, VVO1 = 5 V, VVFB1 = VVFB2 = 2 V, VEN1 = VEN2 = 3.3 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IVIN1
VIN supply current-1
TA = 25°C, No load, VVO1 = 0 V
860
μA
IVIN2
VIN supply current-2
TA = 25°C, No load
30
μA
IVO1
VO1 supply current
TA = 25°C, No load, VVFB1 = VVFB2 = 2.05 V
900
μA
IVIN(STBY)
VIN stand-by current
TA = 25°C, No load, VVO1 = 0 V, VEN1= VEN2 = 0 V
180
μA
INTERNAL REFERENCE
TA = 25°C
1.99
2
2.01
VFBx
VFB regulation voltage
V
1.98
2
2.02
VREG5 OUTPUT
TA = 25°C, No load, VVO1 = 0 V
4.9
5
5.1
VVIN > 7 V , VVO1 = 0 V, IVREG5 < 100 mA
4.85
5
5.1
VVREG5
VREG5 output voltage
V
VVIN > 5.5 V , VVO1 = 0 V, IVREG5 < 35 mA
4.85
5
5.1
VVIN > 5 V, VVO1 = 0 V, IVREG5 < 20 mA
4.50
4.75
5.1
IVREG5
VREG5 current limit
VVO1 = 0 V, VVREG5 = 4.5 V, VVIN = 7 V
100
150
mA
RV5SW
5-V switch resistance
TA = 25°C, VVO1 = 5 V, IVREG5 = 50 mA
1.8
Ω
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS51275B-1


Numéro de pièce similaire - TPS51275B-1RUKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51275B TI-TPS51275B Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275B TI1-TPS51275B Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275BRUKR TI-TPS51275BRUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275BRUKR TI1-TPS51275BRUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275BRUKT TI-TPS51275BRUKT Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results

Description similaire - TPS51275B-1RUKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51275 TI1-TPS51275_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI-TPS51275_13 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI1-TPS51275 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
logo
Vishay Siliconix
SI9130DB VISHAY-SI9130DB Datasheet
157Kb / 4P
   5- and 3.3-V Step-Down Synchronous Converters
10-Feb-97
logo
Analog Devices
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS51285A TI1-TPS51285A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS51285A TI-TPS51285A Datasheet
1Mb / 32P
[Old version datasheet]   Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
logo
Richtek Technology Corp...
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com