Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4670DY Fiches technique(PDF) 5 Page - Vishay Telefunken

No de pièce SI4670DY
Description  Dual N-Channel 25-V (D-S) MOSFET with Schottky Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TFUNK [Vishay Telefunken]
Site Internet  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4670DY Fiches technique(HTML) 5 Page - Vishay Telefunken

  SI4670DY Datasheet HTML 1Page - Vishay Telefunken SI4670DY Datasheet HTML 2Page - Vishay Telefunken SI4670DY Datasheet HTML 3Page - Vishay Telefunken SI4670DY Datasheet HTML 4Page - Vishay Telefunken SI4670DY Datasheet HTML 5Page - Vishay Telefunken SI4670DY Datasheet HTML 6Page - Vishay Telefunken SI4670DY Datasheet HTML 7Page - Vishay Telefunken SI4670DY Datasheet HTML 8Page - Vishay Telefunken SI4670DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Document Number: 69595
S09-2109-Rev. C, 12-Oct-09
www.vishay.com
5
Vishay Siliconix
Si4670DY
CHANNEL-1 TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
10
VSD - Source-to-Drain Voltage (V)
1
TJ = 25 °C
100
TJ - Temperature (°C)
1.0
1.2
1.4
1.6
1.8
2.0
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
ID = 7 A
VGS - Gate-to-Source Voltage (V)
0.00
0.02
0.04
0.06
0.08
0246
8
10
TA = 125 °C
TA = 25 °C
0
5
10
15
20
25
30
Time (s)
10
1000
0.1
0.01
0.001
100
1
Safe Operating Area, Junction-to-Ambient
1
0.1
1
10
100
0.01
10
1 ms
0.1
TA = 25 °C
Single Pulse
10 ms
100 ms
VDS - Drain-to-Source Voltage (V)
* VGS
minimum VGS at which RDS(on) is specified
100 µs
BVDSS Limited
100
DC
10 s
1 s
IDM Limited
ID(on) Limited
Limited by RDS(on)*


Numéro de pièce similaire - SI4670DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4670DY VISHAY-SI4670DY Datasheet
277Kb / 15P
   Dual N-Channel 25-V (D-S) MOSFET with Schottky Diode
Rev. C, 12-Oct-09
SI4670DY VISHAY-SI4670DY Datasheet
209Kb / 14P
   Dual N-Channel 25-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4670DY-T1-E3 VISHAY-SI4670DY-T1-E3 Datasheet
277Kb / 15P
   Dual N-Channel 25-V (D-S) MOSFET with Schottky Diode
Rev. C, 12-Oct-09
SI4670DY-T1-GE3 VISHAY-SI4670DY-T1-GE3 Datasheet
277Kb / 15P
   Dual N-Channel 25-V (D-S) MOSFET with Schottky Diode
Rev. C, 12-Oct-09
SI4670DY_RC VISHAY-SI4670DY_RC Datasheet
130Kb / 4P
   R-C Thermal Model Parameters
Revision: 02-Oct-07
More results

Description similaire - SI4670DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4670DY VISHAY-SI4670DY_V01 Datasheet
209Kb / 14P
   Dual N-Channel 25-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZF914DT VISHAY-SIZF914DT Datasheet
330Kb / 12P
   Dual N-Channel 25 V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI4670DY VISHAY-SI4670DY Datasheet
277Kb / 15P
   Dual N-Channel 25-V (D-S) MOSFET with Schottky Diode
Rev. C, 12-Oct-09
SIRC16DP VISHAY-SIRC16DP Datasheet
197Kb / 7P
   N-Channel 25 V (D-S) MOSFET with Schottky Diode
Rev. B, 05-Sep-16
SIRC16DP VISHAY-SIRC16DP_V01 Datasheet
253Kb / 9P
   N-Channel 25 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com