Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1002R Fiches technique(PDF) 3 Page - Vishay Telefunken

No de pièce SI1002R
Description  N-Channel 30 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TFUNK [Vishay Telefunken]
Site Internet  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1002R Fiches technique(HTML) 3 Page - Vishay Telefunken

  SI1002R Datasheet HTML 1Page - Vishay Telefunken SI1002R Datasheet HTML 2Page - Vishay Telefunken SI1002R Datasheet HTML 3Page - Vishay Telefunken SI1002R Datasheet HTML 4Page - Vishay Telefunken SI1002R Datasheet HTML 5Page - Vishay Telefunken SI1002R Datasheet HTML 6Page - Vishay Telefunken SI1002R Datasheet HTML 7Page - Vishay Telefunken SI1002R Datasheet HTML 8Page - Vishay Telefunken SI1002R Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Si1002R
www.vishay.com
Vishay Siliconix
S14-0770-Rev. A, 14-Apr-14
3
Document Number: 64257
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Current vs. Gate-Source Voltage
Output Characteristics
On-Resistance vs. Drain Current
Gate Current vs. Gate-Source Voltage
Transfer Characteristics
Capacitance
0.000
0.005
0.010
0.015
0.020
0
3
6
9
12
15
V
GS - Gate-Source Voltage (V)
T
J = 25 °C
0
0.5
1
1.5
2
0
0.5
1
1.5
2
V
DS - Drain-to-Source Voltage (V)
V
GS = 1.5 V
V
GS = 1.8 V
V
GS = 5V thru 2V
V
GS = 1 V
0.2
0.4
0.6
0.8
1
0
0.5
1
1.5
2
I
D - Drain Current (A)
V
GS = 1.5 V
V
GS = 4.5 V
V
GS = 2.5 V
V
GS = 1.8 V
10
-3
10
-4
10
-5
10
-6
10
-7
10
-8
10
-9
0
3
6
9
12
15
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
0
0.1
0.2
0.3
0.4
0.5
0
0.5
1
1.5
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
15
30
45
60
0
6
12
18
24
30
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss


Numéro de pièce similaire - SI1002R

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI1002 SILABS-SI1002 Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
logo
List of Unclassifed Man...
SI1002 ETC2-SI1002 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI1002-C-GM SILABS-SI1002-C-GM Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
Si1002-E-GM SILABS-Si1002-E-GM Datasheet
99Kb / 2P
   Silicon Labs is pleased to announce Revision 1.2 of the Si100x datasheet
Si1002-E-GM2 SILABS-Si1002-E-GM2 Datasheet
2Mb / 382P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
More results

Description similaire - SI1002R

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com