Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40400 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TPS40400
Description  TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40400 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS40400_15 Datasheet HTML 5Page - Texas Instruments TPS40400_15 Datasheet HTML 6Page - Texas Instruments TPS40400_15 Datasheet HTML 7Page - Texas Instruments TPS40400_15 Datasheet HTML 8Page - Texas Instruments TPS40400_15 Datasheet HTML 9Page - Texas Instruments TPS40400_15 Datasheet HTML 10Page - Texas Instruments TPS40400_15 Datasheet HTML 11Page - Texas Instruments TPS40400_15 Datasheet HTML 12Page - Texas Instruments TPS40400_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
TPS40400
www.ti.com
SLUS930C – APRIL 2011 – REVISED OCTOBER 2015
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(VBOOT – VSW) = 6.4 V,
RHDHI
High-side driver pullup resistance
1.25
2.5
Ω
IHDRV = –100 mA, TJ = 25°C
(VBOOT – VSW) = 6.4 V,
RHDLO
High-side driver pulldown resistance
1.3
2.6
Ω
IHDRV = 100 mA, TJ = 25°C
RLDHI
Low-side driver pullup resistance
TJ = 25°C
1.25
2.5
Ω
RLDLO
Low-side driver pulldown resistance
TJ = 25°C
0.8
1.5
Ω
tHRISE
High-side driver rise time(1)
CLOAD = 2.2 nF
6
12.1
ns
tHFALL
High-side driver fall time(1)
CLOAD = 2.2 nF
6.3
12.6
ns
tLRISE
Low-side driver rise time(1)
CLOAD = 2.2 nF
6
12.1
ns
tLFALL
Low-side driver fall time(1)
CLOAD = 2.2 nF
4
8
ns
MFR_SPECIFIC_00 bit 0 = 0,
tDT
Anti-cross conduction time
20
50
ns
(short dead time.)
ISW
SW pin leakage current (out of pin)
VSW = 0 V
1
µA
(1)
Specified by Design. Not production tested.
6.7 Dissipation Ratings
(1)
THERMAL IMPEDANCE
TA = 25°C
TA = 85°C
PACKAGE
JUNCTION-TO-AMBIENT
AIRFLOW
POWER RATING
POWER RATING
(°C/W)
(W)
(W)
31.1
Natural Convection
3.21
1.29
24-Pin Plastic
25.2
200 LFM
3.96
1.58
QFN (RHL)
23
400 LFM
4.36
1.74
(1)
Ratings based on JEDEC High Thermal Conductivity (High K) Board. For more information on the test method, see TI Technical Brief
SZZA017.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS40400


Numéro de pièce similaire - TPS40400_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40400_1110 TI-TPS40400_1110 Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
More results

Description similaire - TPS40400_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40400_1110 TI-TPS40400_1110 Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303_15 Datasheet
2Mb / 37P
[Old version datasheet]   TPS4030x 3-V to 20-V Input Synchronous Buck Controller
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com