Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40200-Q1 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPS40200-Q1
Description  WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40200-Q1 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS40200-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
TPS40200-Q1
www.ti.com
SLUS739E – SEPTEMBER 2006 – REVISED JULY 2013
ELECTRICAL CHARACTERISTICS
–40°C < TA < 125°C, VDD = 12 V, fOSC = 100 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voltage Reference
COMP = FB
VFB
Feedback voltage
–40°C < TA < 125°C
676
696
712
mV
4.5 V < VDD < 52 V
Gate Driver
Isrc
Gate driver pullup current
125
300
mA
Isnk
Gate driver pulldown current
200
300
mA
VGATE
Gate driver output voltage
VGATE = (VDD – VGDRV), 12 V < VDD < 52 V
5.6
8
10
V
Quiescent Current
fOSC = 300 kHz, Driver not switching,
Iqq
Device quiescent current
1.5
3.0
mA
4.5 V < VDD < 52 V
Undervoltage Lockout (UVLO)
VUVLO(on)
Turn-on threshold
–40°C < TA < 125°C
3.8
4.25
4.55
V
VUVLO(off)
Turn-off threshold
4.05
V
VUVLO(HYST) Hysteresis
110
200
275
mV
Soft Start
Internal soft-start pullup
RSS(chg)
65
105
170
k
resistance
Internal soft-start pulldown
RSS(dchg)
190
305
485
k
resistance
VSSRST
Soft-start reset threshold
100
150
200
mV
Overcurrent Protection
VILIM
Overcurrent threshold
4.5 V < VDD < 52 V
–40°C < TA < 125°C
50
100
140
mV
OCDF
Overcurrent duty cycle
See (1)
2
%
VILIM(rst)
Overcurrent reset threshold
100
150
200
mV
Oscillator
Oscillator frequency range
See (1)
35
500
fOSC
RRC = 200 kΩ, CRC = 470 pF
85
100
118
kHz
Oscillator frequency
RRC = 68.1 kΩ, CRC = 470 pF
210
300
345
12 V < VDD < 52 V
-9
0
Frequency line regulation
%
4.5 V < VDD < 12 V
–21
0
VRMP
Ramp amplitude
4.5 V < VDD < 52 V
VDD/10
V
Pulse-Width Modulator
VDD = 12 V
200
540
Minimum controllable
tMIN
ns
pulse width
VDD = 30 V
100
200
Fosc = 100 kHz, CL = 470 pF
93
95
DMAX
Maximum duty cycle
%
Fosc = 300 kHz, CL = 470 pF
90
93
Modulator and power-stage
KPWM
8
10
12
V/V
dc gain
Error Amplifier
IIB
Input bias current
100
250
nA
AOL
Open loop gain
See (1)
60
80
dB
GBWP
Unity gain bandwidth
See (1)
1.5
3
MHz
ICOMP(src)
Output source current
VFB = 0.6 V, COMP = 1 V
100
250
μA
ICOMP(snk)
Output sink current
VFB = 1.2 V, COMP = 1 V
1.0
2.5
mA
(1)
Specified by design
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3


Numéro de pièce similaire - TPS40200-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40200-Q1 TI1-TPS40200-Q1_16 Datasheet
1,016Kb / 40P
[Old version datasheet]   Wide-Input-Range Nonsynchronous Voltage-Mode Controller
More results

Description similaire - TPS40200-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40200-EP TI-TPS40200-EP Datasheet
892Kb / 39P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1 Datasheet
616Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1_16 Datasheet
1,016Kb / 40P
[Old version datasheet]   Wide-Input-Range Nonsynchronous Voltage-Mode Controller
TPS40200-EP TI-TPS40200-EP_08 Datasheet
1,023Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI1-TPS40200-HT Datasheet
910Kb / 45P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP_15 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI-TPS40200-HT_15 Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com