Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40090-Q1 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40090-Q1
Description  HIGH-FREQUENCY MULTIPHASE CONTROLLER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40090-Q1 Fiches technique(HTML) 2 Page - Texas Instruments

  TPS40090-Q1 Datasheet HTML 1Page - Texas Instruments TPS40090-Q1 Datasheet HTML 2Page - Texas Instruments TPS40090-Q1 Datasheet HTML 3Page - Texas Instruments TPS40090-Q1 Datasheet HTML 4Page - Texas Instruments TPS40090-Q1 Datasheet HTML 5Page - Texas Instruments TPS40090-Q1 Datasheet HTML 6Page - Texas Instruments TPS40090-Q1 Datasheet HTML 7Page - Texas Instruments TPS40090-Q1 Datasheet HTML 8Page - Texas Instruments TPS40090-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
COUT
VIN (4.5Vto15V)
CIN
CCS3
CCS1
RDROOP
VOUT
(0.7Vto3.5V)
RFB1
RFB2
RFB3
CFB1
RRT
CSS
RILIM2
CBP5
RCS1
RCS3
21
23
VIN
PWM3
19
L2
L1
TI
Synchronous
Buck
Driver
PWM1
3
6
1
CS3
CS1
ILIM
17
RT
7
SS
15
GND
9
10
COMP
16
DROOP
4
2
CS4
CS2
FB
12
13
VOUT
GNDS
11
DIFFO
8
REF
22
BP5
5
CSCN
PGOOD
24
EN/SYNC
PWM2
20
PWM4
18
14
TI
Synchronous
Buck
Driver
BP5
TPS40090PW
RILIM1
CREF
TPS40090-Q1
SLUS845C
– JUNE 2008 – REVISED MAY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
An output voltage droop can be programmed to improve the transient window and reduce size of the output filter.
Other features include a single voltage operation, a true differential sense amplifier, a programmable current
limit, soft-start, and a power good indicator.
ORDERING INFORMATION(1)
TJ
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 125°C
TSSOP
– PW
Reel of 2000
TPS40090QPWRQ1
TPS40090Q
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
SIMPLIFIED TWO-PHASE APPLICATION DIAGRAM
2
Copyright
© 2008–2011, Texas Instruments Incorporated


Numéro de pièce similaire - TPS40090-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
More results

Description similaire - TPS40090-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40090PW TI1-TPS40090PW Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090_15 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
logo
Maxim Integrated Produc...
MAX15158Z MAXIM-MAX15158Z Datasheet
996Kb / 26P
   High-Voltage Multiphase Boost Controller
Rev 0; 6/19
MAX15158 MAXIM-MAX15158 Datasheet
857Kb / 28P
   High-Voltage Multiphase Boost Controller
Rev 2; 11/19
logo
Intersil Corporation
ISL6595 INTERSIL-ISL6595 Datasheet
294Kb / 22P
   Digital Multiphase Controller
logo
Texas Instruments
LM5170-Q1 TI1-LM5170-Q1 Datasheet
3Mb / 67P
[Old version datasheet]   Multiphase Bidirectional Current Controller
logo
Maxim Integrated Produc...
MAX8707 MAXIM-MAX8707 Datasheet
780Kb / 37P
   Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies
Rev 0; 8/04
logo
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
   6-Phase Digital Multiphase Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com