Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS5450 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS5450
Description  TPS5450 5-A, Wide Input Range, Step-Down Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS5450 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS5450_15 Datasheet HTML 4Page - Texas Instruments TPS5450_15 Datasheet HTML 5Page - Texas Instruments TPS5450_15 Datasheet HTML 6Page - Texas Instruments TPS5450_15 Datasheet HTML 7Page - Texas Instruments TPS5450_15 Datasheet HTML 8Page - Texas Instruments TPS5450_15 Datasheet HTML 9Page - Texas Instruments TPS5450_15 Datasheet HTML 10Page - Texas Instruments TPS5450_15 Datasheet HTML 11Page - Texas Instruments TPS5450_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
VIN
UVLO
ENABLE
Thermal
Protection
Reference
Overcurrent
GateDrive
Oscillator
Ramp
Generator
VREF
PH
ENA
GND
BOOT
Z1
Z2
SHDN
SHDN
SHDN
SHDN
SHDN
SHDN
SHDN
SHDN
VIN
112.5%VREF
VSENSE
OVP
HICCUP
HICCUP
SHDN
NC
FeedForward
BOOT
NC
POWERPAD
VIN
VOUT
5 µA
1.221VBandgap
SlowStart
Boot
Regulator
Error
Amplifier
Gain=25
PWM
Comparator
Protection
Gate
Driver
Control
VSENSE
TPS5450
SLVS757D – MARCH 2007 – REVISED DECEMBER 2014
www.ti.com
7 Detailed Description
7.1 Overview
The TPS5450 device is a 36-V, 5-A, step-down (buck) regulator with an integrated high-side n-channel MOSFET.
The device implements constant-frequency voltage-mode control with voltage feed forward for improved line
regulation and line transient response. Internal compensation reduces design complexity and external component
count.
The integrated 110-m
Ω high-side MOSFET supports high-efficiency power-supply designs capable of delivering
5-A of continuous current to a load. The gate-drive bias voltage for the integrated high-side MOSFET is supplied
by a bootstrap capacitor connected from the BOOT to PH pins. The TPS5450 device reduces the external
component count by integrating the bootstrap recharge diode.
The TPS5450 device has a default input start-up voltage of 5.3 V typical. The ENA pin can be used to disable
the TPS5450 reducing the supply current to 18 µA. An internal pullup current source enables operation when the
EN pin is floating. The TPS5450 includes an internal slow-start circuit that slows the output rise time during start-
up to reduce in rush current and output voltage overshoot.
The minimum output voltage is the internal 1.221-V feedback reference. Output overvoltage transients are
minimized by an Overvoltage Protection (OVP) comparator. When the OVP comparator is activated, the high-
side MOSFET is turned off and remains off until the output voltage is less than 112.5% of the desired output
voltage.
Internal cycle-by-cycle overcurrent protection limits the peak current in the integrated high-side MOSFET. For
continuous overcurrent fault conditions the TPS5450 will enter hiccup mode overcurrent limiting. Thermal
protection protects the device from overheating.
7.2 Functional Block Diagram
8
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Product Folder Links: TPS5450


Numéro de pièce similaire - TPS5450_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5450-EP TI1-TPS5450-EP Datasheet
890Kb / 24P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5450-EP TI-TPS5450-EP_15 Datasheet
1Mb / 25P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5450-Q1 TI1-TPS5450-Q1 Datasheet
474Kb / 25P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5450DDA TI-TPS5450DDA Datasheet
471Kb / 20P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5450DDAG4 TI-TPS5450DDAG4 Datasheet
471Kb / 20P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
More results

Description similaire - TPS5450_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5450-Q1 TI1-TPS5450-Q1 Datasheet
474Kb / 25P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5450 TI-TPS5450 Datasheet
471Kb / 20P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5450-EP TI-TPS5450-EP_15 Datasheet
1Mb / 25P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5450-EP TI1-TPS5450-EP Datasheet
890Kb / 24P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5431DDAR TI-TPS5431DDAR Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
TPS5430 TI1-TPS5430_17 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com