Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS5420-EP Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TPS5420-EP
Description  2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS5420-EP Fiches technique(HTML) 2 Page - Texas Instruments

  TPS5420-EP_15 Datasheet HTML 1Page - Texas Instruments TPS5420-EP_15 Datasheet HTML 2Page - Texas Instruments TPS5420-EP_15 Datasheet HTML 3Page - Texas Instruments TPS5420-EP_15 Datasheet HTML 4Page - Texas Instruments TPS5420-EP_15 Datasheet HTML 5Page - Texas Instruments TPS5420-EP_15 Datasheet HTML 6Page - Texas Instruments TPS5420-EP_15 Datasheet HTML 7Page - Texas Instruments TPS5420-EP_15 Datasheet HTML 8Page - Texas Instruments TPS5420-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.ti.com
VIN
NC
NC
ENA
GND
VSENSE
BOOT
PH
TPS5420
VIN
VOUT
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
I
O
− OutputCurrent− A
EfficiencyvsOutputCurrent
V
I =12V
Absolute Maximum Ratings
(1) (2)
TPS5420-EP
SLVS717 – DECEMBER 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TJ
INPUT VOLTAGE
OUTPUT VOLTAGE
PACKAGE(1)
PART NUMBER
–55
°C to 125°C
5.5 V to 35 V
Adjustable to 1.22 V
SOIC (D)(2)
TPS5420MDREP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
The D package is available taped and reeled. Add an R suffix to the device type (i.e., TPS5420DR).
SIMPLIFIED SCHEMATIC
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VIN
–0.3 to 38(3)
BOOT
–0.3 to 50
PH (steady-state)
–0.6 to 38(3)
VI
Input voltage range
EN
–0.3 to 7
V
VSENSE
–0.3 to 3
BOOT-PH
10
PH (transient < 10 ns)
–1.2
IO
Source current
PH
Internally limited
Ilkg
Leakage current
PH
10
µA
TJ
Operating virtual junction temperature range
–55 to 150
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
Approaching the absolute maximum rating for the VIN pin may cause the voltage on the PH pin to exceed the absolute maximum rating.
2
Submit Documentation Feedback


Numéro de pièce similaire - TPS5420-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5420-EP TI-TPS5420-EP_09 Datasheet
613Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
More results

Description similaire - TPS5420-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420-EP TI-TPS5420-EP_09 Datasheet
613Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-Q1 TI-TPS5420-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-Q1 TI1-TPS5420-Q1 Datasheet
565Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5450-EP TI1-TPS5450-EP Datasheet
890Kb / 24P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com