Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS5410-EP Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS5410-EP
Description  1-A WIDE INPUT RANGE STEP-DOWN SWIFT??CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS5410-EP Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS5410-EP_15 Datasheet HTML 6Page - Texas Instruments TPS5410-EP_15 Datasheet HTML 7Page - Texas Instruments TPS5410-EP_15 Datasheet HTML 8Page - Texas Instruments TPS5410-EP_15 Datasheet HTML 9Page - Texas Instruments TPS5410-EP_15 Datasheet HTML 10Page - Texas Instruments TPS5410-EP_15 Datasheet HTML 11Page - Texas Instruments TPS5410-EP_15 Datasheet HTML 12Page - Texas Instruments TPS5410-EP_15 Datasheet HTML 13Page - Texas Instruments TPS5410-EP_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Alldimensionsininches
0.220
0.080
GND
VSNS
VIN
NC
NC
ENA
BOOT
PH
VIN
U1
TPS5410D
12V
14.5V
36V
-
C1
4.7 F
m
C3
47 F
(SeeNote A)
m
C2
0.01 F
m
L1
68 H
m
R2
1.13kW
D1
B340A
7
1
5
8
2
4
3
6
VOUT
ENA
+
R1
10kW
TPS5410-EP
SLVS910 – SEPTEMBER 2009 ......................................................................................................................................................................................... www.ti.com
Figure 10. TPS5410 Land Pattern
Application Circuits
Figure 11 shows the schematic for a typical TPS5410 application. The TPS5410 can provide up to 1-A output
current at a nominal output voltage of 12 V.
A.
C3 = Tantalum AVX TPSE476M020R0150
Figure 11. Application Circuit, 14.5-V — 36 V to 12-V
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS5410-EP


Numéro de pièce similaire - TPS5410-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5410-EP TI1-TPS5410-EP Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
More results

Description similaire - TPS5410-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5410-Q1 TI1-TPS5410-Q1 Datasheet
910Kb / 25P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410-Q1 TI-TPS5410-Q1_15 Datasheet
858Kb / 26P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5450-EP TI1-TPS5450-EP Datasheet
890Kb / 24P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5420-Q1 TI1-TPS5420-Q1 Datasheet
565Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com