Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCX52 Fiches technique(PDF) 6 Page - Infineon Technologies AG

No de pièce BCX52
Description  For AF driver and output stages
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX52 Fiches technique(HTML) 6 Page - Infineon Technologies AG

  BCX52 Datasheet HTML 1Page - Infineon Technologies AG BCX52 Datasheet HTML 2Page - Infineon Technologies AG BCX52 Datasheet HTML 3Page - Infineon Technologies AG BCX52 Datasheet HTML 4Page - Infineon Technologies AG BCX52 Datasheet HTML 5Page - Infineon Technologies AG BCX52 Datasheet HTML 6Page - Infineon Technologies AG BCX52 Datasheet HTML 7Page - Infineon Technologies AG BCX52 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2011-07-29
6
BCX51...-BCX53...
Permissible Pulse Load
Ptotmax/PtotDC = ƒ(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Numéro de pièce similaire - BCX52

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BCX52 PHILIPS-BCX52 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Central Semiconductor C...
BCX52 CENTRAL-BCX52 Datasheet
290Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Jiangsu Changjiang Elec...
BCX52 JIANGSU-BCX52 Datasheet
1Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
BCX52 SIEMENS-BCX52 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
NXP Semiconductors
BCX52 NXP-BCX52 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
More results

Description similaire - BCX52

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54_11 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-09-19
logo
Shanghai Leiditech Elec...
BCP54 LEIDITECH-BCP54 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
First Silicon Co., Ltd
BCP55 FS-BCP55 Datasheet
533Kb / 5P
   For AF driver and output stages
logo
Infineon Technologies A...
BCP56-16E6327 INFINEON-BCP56-16E6327 Datasheet
827Kb / 7P
   For AF driver and output stages
2011-10-13
logo
Fairchild Semiconductor
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
   Suitable for AF-Driver stages and low power output stages
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
   Suitable for AF-Driver stages and low power output stages
logo
Infineon Technologies A...
BC847AE6327 INFINEON-BC847AE6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
BC847B-E6327 INFINEON-BC847B-E6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
logo
Siemens Semiconductor G...
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com