Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1424ED Fiches technique(PDF) 5 Page - Vishay Telefunken

No de pièce SI1424ED
Description  N-Channel 20 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TFUNK [Vishay Telefunken]
Site Internet  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1424ED Fiches technique(HTML) 5 Page - Vishay Telefunken

  SI1424ED Datasheet HTML 1Page - Vishay Telefunken SI1424ED Datasheet HTML 2Page - Vishay Telefunken SI1424ED Datasheet HTML 3Page - Vishay Telefunken SI1424ED Datasheet HTML 4Page - Vishay Telefunken SI1424ED Datasheet HTML 5Page - Vishay Telefunken SI1424ED Datasheet HTML 6Page - Vishay Telefunken SI1424ED Datasheet HTML 7Page - Vishay Telefunken SI1424ED Datasheet HTML 8Page - Vishay Telefunken SI1424ED Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 67198
S11-0654-Rev. B, 11-Apr-11
www.vishay.com
5
Vishay Siliconix
Si1424EDH
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
2
4
6
8
0
25
50
75
100
125
150
Package Limited
T
F - Case Temperature (°C)
Power Derating
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25
50
75
100
125
150
TF - Foot Temperature (°C)


Numéro de pièce similaire - SI1424ED

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1424EDH VISHAY-SI1424EDH Datasheet
265Kb / 12P
   N-Channel 20 V (D-S) MOSFET
Rev. B, 11-Apr-11
SI1424EDH VISHAY-SI1424EDH Datasheet
284Kb / 12P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1424EDH-T1-GE3 VISHAY-SI1424EDH-T1-GE3 Datasheet
284Kb / 12P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1424EDH VISHAY-SI1424EDH_V01 Datasheet
284Kb / 12P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI1424ED

FabricantNo de pièceFiches techniqueDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com