Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLPO-2 Fiches technique(PDF) 3 Page - PETERMANN-TECHNIK

No de pièce DLPO-2
Description  Differential Oscillator for Low Cost
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PETERMANN [PETERMANN-TECHNIK]
Site Internet  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

DLPO-2 Fiches technique(HTML) 3 Page - PETERMANN-TECHNIK

  DLPO-2_15 Datasheet HTML 1Page - PETERMANN-TECHNIK DLPO-2_15 Datasheet HTML 2Page - PETERMANN-TECHNIK DLPO-2_15 Datasheet HTML 3Page - PETERMANN-TECHNIK DLPO-2_15 Datasheet HTML 4Page - PETERMANN-TECHNIK DLPO-2_15 Datasheet HTML 5Page - PETERMANN-TECHNIK DLPO-2_15 Datasheet HTML 6Page - PETERMANN-TECHNIK DLPO-2_15 Datasheet HTML 7Page - PETERMANN-TECHNIK DLPO-2_15 Datasheet HTML 8Page - PETERMANN-TECHNIK DLPO-2_15 Datasheet HTML 9Page - PETERMANN-TECHNIK Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PAGE 3 OF 13
I SPEC 01 I REV.00 I NOVEMBER 2014
CRYSTALS ∙ OSCILLATORS ∙ CERAMIC RESONATORS ∙ CERAMIC FILTERS ∙ SAW COMPONENTS
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13 ∙ D-86899 ∙ Landsberg am Lech
Tel: +49/8191/305395 ∙ Fax: +49/8191/305397
info@petermann-technik.com ∙ www.petermann-technik.com
DC ELECTRICAL SPECIFICATIONS
CML Output, 3.3V ±10% or 2.5V ±10% or 1.8V ±5%, -40 to 85°C
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITION
Supply Voltage
VDD
2.97
3.3
3.63
V
2.25
2.5
2.75
V
1.71
1.8
1.89
V
IDD
48
51
mA
VDD = 3.3V
Excluding Load
Termination
Current
Supply Current
47
50
mA
VDD = 2.5V
38
41
mA
VDD = 1.8V
Output High Voltage
VOH1
VDD-0.1
VDD
V
Swing Mode = Normal Single Load Termination See Figure 6.
Output Low Voltage
VOL1
VDD-0.55
VDD-0.425
VDD-0.3
V
Pk-Pk Output Voltage Swing
Vswing1
300
425
550
mV
Output High Voltage
VOH2
VDD-0.1
VDD
V
Swing Mode = High Single Load Termination See Figure 6.
Output Low Voltage
VOL2
VDD-1.1
VDD-0.85
VDD-0.6
V
Pk-Pk Output Voltage Swing
Vswing2
600
850
1100
mV
Output High Voltage
VOH3
VDD-0.1
VDD
V
Swing Mode = High Double Load Termination See Figure 7.
Output Low Voltage
VOL3
VDD-0.55
VDD-0.425
VDD-0.3
V
Pk-Pk Output Voltage Swing
Vswing3
300
425
550
mV


Numéro de pièce similaire - DLPO-2_15

FabricantNo de pièceFiches techniqueDescription
logo
PETERMANN-TECHNIK
DLPO-1 PETERMANN-DLPO-1_15 Datasheet
763Kb / 13P
   Differential Oscillator for Low Cost
DLPO-3 PETERMANN-DLPO-3_15 Datasheet
670Kb / 8P
   Differential Oscillator for Low Cost
DLPO-4 PETERMANN-DLPO-4_15 Datasheet
694Kb / 8P
   Differential Oscillator for Low Cost
DLPO-5 PETERMANN-DLPO-5_15 Datasheet
691Kb / 8P
   Differential Oscillator for Low Cost
More results

Description similaire - DLPO-2_15

FabricantNo de pièceFiches techniqueDescription
logo
PETERMANN-TECHNIK
DLPO-3 PETERMANN-DLPO-3_15 Datasheet
670Kb / 8P
   Differential Oscillator for Low Cost
DLPO-1 PETERMANN-DLPO-1_15 Datasheet
763Kb / 13P
   Differential Oscillator for Low Cost
DLPO-5 PETERMANN-DLPO-5_15 Datasheet
691Kb / 8P
   Differential Oscillator for Low Cost
DLPO-4 PETERMANN-DLPO-4_15 Datasheet
694Kb / 8P
   Differential Oscillator for Low Cost
TCVCTO-1 PETERMANN-TCVCTO-1_15 Datasheet
958Kb / 8P
   Ultra Performance Oscillator for Low Cost
ULPPO PETERMANN-ULPPO_15 Datasheet
1Mb / 10P
   Low Power High Precision Oscillator for Low Cost
HTLPO PETERMANN-HTLPO_15 Datasheet
782Kb / 10P
   High Temperature Low Power Oscillator for Low Cost
logo
STMicroelectronics
AN2441 STMICROELECTRONICS-AN2441 Datasheet
242Kb / 14P
   Low cost effective oscillator for STR71x MCUs
logo
Analog Devices
AD8141 AD-AD8141 Datasheet
477Kb / 24P
   Low Cost, Triple Differential Drivers
REV. 0
AD8141 AD-AD8141_17 Datasheet
623Kb / 24P
   Low Cost, Triple Differential Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com