Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS544B20 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS544B20
Description  TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS544B20 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS544B20_15 Datasheet HTML 4Page - Texas Instruments TPS544B20_15 Datasheet HTML 5Page - Texas Instruments TPS544B20_15 Datasheet HTML 6Page - Texas Instruments TPS544B20_15 Datasheet HTML 7Page - Texas Instruments TPS544B20_15 Datasheet HTML 8Page - Texas Instruments TPS544B20_15 Datasheet HTML 9Page - Texas Instruments TPS544B20_15 Datasheet HTML 10Page - Texas Instruments TPS544B20_15 Datasheet HTML 11Page - Texas Instruments TPS544B20_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
TPS544B20, TPS544C20
SLUSB69 – MAY 2014
www.ti.com
Electrical Characteristics (continued)
TJ = –40°C to 125°C, VIN = VVDD= 12 V, RRT = 38.3 kΩ; zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REMOTE SENSE AMPLIFIER
(VOUTS+ – VOUTS–) = 0.6 V
-5
5
VDIFFO(ERROR)
Error voltage from DIFFO to VSNS
(VOUTS+ – VOUTS–) = 1.2 V
-8
8
mV
(VOUTS+ – VOUTS–) = 3.0 V
-17
17
BW
Closed-loop bandwidth(3)
2
MHz
RVOUTx
Output voltage sense input
VOUT+ = 1.2V
55
80
105
k
Ω
impedance
VDIFFO(max)
Maximum DIFFO output voltage
VBP6-0.2
V
DIFFO sourcing current
1
IDIFFO
mA
DIFFO sinking current
1
POWER STAGE
VVDD = 4.5 V, TJ = 25°C
4.9
RHS
High-side on-resistance
m
Ω
VVDD ≥ 12 V, TJ = 25°C
4.5
VVDD = 18 V, TJ = 25°C
0.4
0.7
IHS(leak)
High-side leakage current
µA
VVDD = 18 V, TJ = 125°C
(3)
1.5
VVDD = 4.5 V, TJ = 25°C
2.2
RLS
Low-side on-resistance
m
Ω
VVDD ≥ 12 V, TJ = 25°C
2.0
CURRENT LIMIT
tOFF(OC)
Off time between restart attempts
Hiccup mode
7 × tSS
ms
Factory default settings
26
TPS544B20
Programmable range
5
30
Output current overcurrent fault
IOC(flt)
A
threshold
Factory default settings
39
TPS544C20
Programmable range
5
45
Factory default settings
20
TPS544B20
Programmable range
4
29.5
Output current overcurrent warning
IOC(warn)
A
threshold
Factory default settings
30
TPS544C20
Programmable range
4
44.5
Output current overcurrent fault
IOC(acc)
IOCF = 20 A
(3)
±3
A
and warning accuracy
Minimum LDRV pulse width for
tLSOC(min)
400
500
ns
valid current sensing(3)
HIGH-SIDE SHORT CIRCUIT PROTECTION
TPS544B20
30
58
High-side short-circuit protection
IHSOC
TJ = 25°C
A
fault threshold
TPS544C20
45
75
POWER GOOD (PGOOD)
VFBPGH
FB PGOOD high threshold
Factory default settings
675
mV
VFBPGL
FB PGOOD low threshold
Factory default settings
525
mV
VPG(acc)
PGOOD accuracy over range
Factory default settings
–5%
5%
Vpg(hyst)
FB PGOOD hysteresis voltage
10
50
mV
RPGOOD
PGOOD pull-down resistance
VFB = 0, IPGOOD = 5 mA
30
70
Ω
IPGOOD(lk)
PGOOD pin leakage current
Factory default settings, VPGOOD = 5 V
20
µA
OUTPUT OVERVOLTAGE AND UNDERVOLTAGE PROTECTION
VFBOV
FB pin over voltage threshold
Factory default settings
700
mV
VFBUV
FB pin under voltage threshold
Factory default settings
499
mV
VUVOV(acc)
FB UV, OV accuracy over range
Factory default settings
–4.5%
4.5%
(3)
Specified by design. Not production tested.
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated


Numéro de pièce similaire - TPS544B20_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS544B20 TI1-TPS544B20_16 Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
More results

Description similaire - TPS544B20_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544C25 TI1-TPS544C25 Datasheet
2Mb / 100P
[Old version datasheet]   4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
[Old version datasheet]   TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com