Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4N70KG-TF3T-T Fiches technique(PDF) 7 Page - Unisonic Technologies

No de pièce 4N70KG-TF3T-T
Description  N-CHANNEL JUNCTIN SILICON FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N70KG-TF3T-T Fiches technique(HTML) 7 Page - Unisonic Technologies

  4N70KG-TF3T-T Datasheet HTML 1Page - Unisonic Technologies 4N70KG-TF3T-T Datasheet HTML 2Page - Unisonic Technologies 4N70KG-TF3T-T Datasheet HTML 3Page - Unisonic Technologies 4N70KG-TF3T-T Datasheet HTML 4Page - Unisonic Technologies 4N70KG-TF3T-T Datasheet HTML 5Page - Unisonic Technologies 4N70KG-TF3T-T Datasheet HTML 6Page - Unisonic Technologies 4N70KG-TF3T-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
4N70K-TA
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R205-040.B
TYPICAL CHARACTERISTICS
Drain Current vs. Drain-Source
Breakdown Voltage
0
Drain-Source Breakdown Voltage, BVDSS(V)
200
0
400
1
0
0
50
Drain Current vs.
Gate Threshold Voltage
Gate Threshold Voltage, VTH (V)
2
100
150
200
250
300
50
100
150
200
250
300
600 800 1000 1200 1400
3
45
6
7
0
Continuous Drain-Source Diode
Forward Current vs.
Source to Drain Voltage
Source to Drain Voltage, VSD (mV)
0
1
2
6
200
0
Drain-Source On-State Resistance
Characteristics
Drain to Source Voltage, VDS (V)
0
24
8
6
0.5
VGS=10V
ID=2.2A
400 600 800 1000 1200 1400
3
4
5
1.0
1.5
2.0
2.5
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Numéro de pièce similaire - 4N70KG-TF3T-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
4N70KG-TF3-T UTC-4N70KG-TF3-T Datasheet
250Kb / 6P
   4.4A, 700V N-CHANNEL POWER MOSFET
4N70KG-TF3-T UTC-4N70KG-TF3-T Datasheet
231Kb / 6P
   N-CHANNEL POWER MOSFET
4N70KG-TF3-T UTC-4N70KG-TF3-T Datasheet
273Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Description similaire - 4N70KG-TF3T-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UT3458 UTC-UT3458_15 Datasheet
180Kb / 4P
   N-CHANNEL JUNCTIN SILICON FET
4N60K-MT UTC-4N60K-MT Datasheet
241Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
2N50K-TA UTC-2N50K-TA Datasheet
208Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
11NM40 UTC-11NM40 Datasheet
229Kb / 6P
   N-CHANNEL JUNCTIN SILICON FET
13N50K UTC-13N50K Datasheet
208Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
2N70K UTC-2N70K_15 Datasheet
283Kb / 6P
   N-CHANNEL JUNCTIN SILICON FET
3N70K-MK UTC-3N70K-MK Datasheet
212Kb / 6P
   N-CHANNEL JUNCTIN SILICON FET
UT4114 UTC-UT4114 Datasheet
179Kb / 4P
   N-CHANNEL JUNCTIN SILICON FET
2SK3666 UTC-2SK3666 Datasheet
150Kb / 4P
   N-CHANNEL JUNCTIN SILICON FET
UT75N03 UTC-UT75N03_15 Datasheet
197Kb / 3P
   N-CHANNEL JUNCTIN SILICON FET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com