Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM34914 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM34914
Description  Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM34914 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LM34914 Datasheet HTML 6Page - Texas Instruments LM34914 Datasheet HTML 7Page - Texas Instruments LM34914 Datasheet HTML 8Page - Texas Instruments LM34914 Datasheet HTML 9Page - Texas Instruments LM34914 Datasheet HTML 10Page - Texas Instruments LM34914 Datasheet HTML 11Page - Texas Instruments LM34914 Datasheet HTML 12Page - Texas Instruments LM34914 Datasheet HTML 13Page - Texas Instruments LM34914 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
STOP
RUN
RON/SD
Input
Voltage
LM34914
VIN
RON
LM34914
SNVS453B – MAY 2006 – REVISED MARCH 2013
www.ti.com
Shutdown
The LM34914 can be remotely shut down by taking the RON/SD pin below 0.8V. See Figure 9. In this mode the
SS pin is internally grounded, the on-timer is disabled, and bias currents are reduced. Releasing the RON/SD pin
allows the circuit to resume operation. The voltage at the RON/SD pin is normally between 1.5V and 3.0V,
depending on VIN and the RON resistor.
Figure 9. Shutdown Implementation
Current Limit
Current limit detection occurs during the off-time by monitoring the recirculating current flowing out of the ISEN
pin. Referring to the Typical Application Circuit and Block Diagram, during the off-time the inductor current flows
through the load, into SGND, through the internal sense resistor, out of ISEN and through D1 to the inductor. If
that current exceeds the current limit threshold the current limit comparator output delays the start of the next on-
time period. The next on-time starts when the current out of ISEN is below the threshold and the voltage at FB
falls below 2.5V. The operating frequency is typically lower due to longer-than-normal off-times.
The valley current limit threshold is a function of the input voltage (VIN) and the output voltage sensed at FB, as
shown in the graph “Valley Current Limit Threshold vs. VFB and VIN”. This feature reduces the inductor current’s
peak value at high line and load. To further reduce the inductor’s peak current, the next cycle’s on-time is
reduced by approximately 50% if the voltage at FB is below its threshold when the inductor current reduces to
the current limit threshold (VOUT is low due to current limiting).
Figure 10 illustrates the inductor current waveform during normal operation and in current limit. During the first
“Normal Operation” the load current is IOUT1, the average of the ripple waveform. As the load resistance is
reduced, the inductor current increases until it exceeds the current limit threshold. During the “Current Limited”
portion of Figure 10, the current limit threshold lowers since the high load current causes VOUT (and the voltage
at FB) to reduce. The on-time is reduced by approximately 50%, resulting in lower ripple amplitude for the
inductor’s current. During this time the LM34914 is in a constant current mode, with an average load current
equal to the current limit threshold +
ΔI/2 (IOUT2). Normal operation resumes when the load current is reduced to
IOUT3, allowing VOUT, the current limit threshold, and the on-time to return to their normal values. Note that in the
second period of “Normal Operation”, even though the inductor’s peak current exceeds the current limit threshold
during part of each cycle, the circuit is not in current limit since the current falls below the threshold before the
feedback voltage reduces to its threshold.
The peak current allowed through the buck switch, and the ISEN pin, is 2A, and the maximum allowed average
current is 1.5A.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM34914


Numéro de pièce similaire - LM34914

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM34914 NSC-LM34914 Datasheet
328Kb / 14P
   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34914 TI1-LM34914 Datasheet
838Kb / 21P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34914SD NSC-LM34914SD	 Datasheet
328Kb / 14P
   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
LM34914SDX NSC-LM34914SDX Datasheet
328Kb / 14P
   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34914 TI1-LM34914_14 Datasheet
838Kb / 21P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
More results

Description similaire - LM34914

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM34914 NSC-LM34914 Datasheet
328Kb / 14P
   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34914 TI1-LM34914_14 Datasheet
838Kb / 21P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Linear Technology
LT3663 LINER-LT3663_15 Datasheet
352Kb / 16P
   1.2A Step-Down Switching Regulator with Output Current Limit
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
   1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Texas Instruments
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
[Old version datasheet]   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com