Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM26420-Q0 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce LM26420-Q0
Description  LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM26420-Q0 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LM26420-Q0 Datasheet HTML 6Page - Texas Instruments LM26420-Q0 Datasheet HTML 7Page - Texas Instruments LM26420-Q0 Datasheet HTML 8Page - Texas Instruments LM26420-Q0 Datasheet HTML 9Page - Texas Instruments LM26420-Q0 Datasheet HTML 10Page - Texas Instruments LM26420-Q0 Datasheet HTML 11Page - Texas Instruments LM26420-Q0 Datasheet HTML 12Page - Texas Instruments LM26420-Q0 Datasheet HTML 13Page - Texas Instruments LM26420-Q0 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
TEMPERATURE (°C)
3.50
3.45
3.40
3.35
3.30
3.25
3.20
3.15
3.10
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
3.9
3.8
3.7
3.6
3.5
3.4
-50
-25
0
25
50
75
100
125
Y Version
TEMPERATURE (°C)
11. 6
11. 4
11. 2
11. 0
10. 8
10. 6
-50
-25
0
25
50
75
100
125
X Version
TEMPERATURE (°C)
110
100
90
80
70
60
50
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
80
70
60
50
40
30
20
-50
-25
0
25
50
75
100
125
LM26420, LM26420-Q0, LM26420-Q1
SNVS579J – FEBRUARY 2009 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
All curves taken at VIN = 5 V with configuration in typical application circuits shown in Application and Implementation section
of this datasheet. TJ = 25°C, unless otherwise specified.
Figure 20. RDSON Bottom Vs Temperature
Figure 19. RDSON Top Vs Temperature (TSSOP-20 Package)
(TSSOP-20 Package)
Figure 21. IQ (Quiescent Current Switching) - "X"
Figure 22. IQ (Quiescent Current Switching) - "Y"
VIN = 5 V & 3.3 V
Figure 24. Current Limit Vs Temperature
Figure 23. VFB Vs Temperature
10
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM26420 LM26420-Q0 LM26420-Q1


Numéro de pièce similaire - LM26420-Q0

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM26420-Q0 TI1-LM26420-Q0 Datasheet
1Mb / 47P
[Old version datasheet]   Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
More results

Description similaire - LM26420-Q0

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM26420 TI1-LM26420_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
logo
SHOUDING Shouding Semic...
SD6304 SHOUDING-SD6304 Datasheet
2Mb / 12P
   High efficiency synchronous boost DC-DC converter
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6384 HMSEMI-HM6384 Datasheet
818Kb / 7P
   high efficiency PFM synchronous boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com