Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM26001B Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM26001B
Description  LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM26001B Fiches technique(HTML) 2 Page - Texas Instruments

  LM26001B Datasheet HTML 1Page - Texas Instruments LM26001B Datasheet HTML 2Page - Texas Instruments LM26001B Datasheet HTML 3Page - Texas Instruments LM26001B Datasheet HTML 4Page - Texas Instruments LM26001B Datasheet HTML 5Page - Texas Instruments LM26001B Datasheet HTML 6Page - Texas Instruments LM26001B Datasheet HTML 7Page - Texas Instruments LM26001B Datasheet HTML 8Page - Texas Instruments LM26001B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Exposed Pad
Connect to GND
GND 8
VIN 1
VIN 2
PGOOD 3
EN 4
SS 5
COMP 6
FB 7
9 FREQ
10 FPWM
11 SYNC
12 VBIAS
13 VDD
14 BOOT
15 SW
16 SW
LM26001B
SNVS491B – MAY 2007 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Top View
Figure 1. 16-Lead Exposed Pad HTSSOP Package
See Package Number PWP0016A
Pin Descriptions
Pin #
Pin Name
Description
1
VIN
Power supply input
2
VIN
Power supply input
3
PGOOD
Power Good pin. An open drain output which goes high when the output voltage is greater than 92% of
nominal.
4
EN
Enable is an analog level input pin. When pulled below 0.8V, the device enters shutdown mode.
5
SS
Soft-start pin. Connect a capacitor from this pin to GND to set the soft-start time.
6
COMP
Compensation pin. Connect to a resistor capacitor pair to compensate the control loop.
7
FB
Feedback pin. Connect to a resistor divider between Vout and GND to set output voltage.
8
GND
Ground
9
FREQ
Frequency adjust pin. Connect a resistor from this pin to GND to set the operating frequency.
10
FPWM
FPWM is a logic level input pin. For normal operation, connect to GND. When pulled high, sleep mode
operation is disabled.
11
SYNC
Frequency synchronization pin. Connect to an external clock signal for synchronized operation. SYNC
must be pulled low for non-synchronized operation.
12
VBIAS
Connect to an external 3V or greater supply to bypass the internal regulator for improved efficiency. If
not used, VBIAS should be tied to GND.
13
VDD
The output of the internal regulator. Bypass with a minimum 1.0 µF capacitor.
14
BOOT
Bootstrap capacitor pin. Connect a 0.1µF minimum ceramic capacitor from this pin to SW to generate
the gate drive bootstrap voltage.
15
SW
Switch pin. The source of the internal N-channel switch.
16
SW
Switch pin. The source of the internal N-channel switch.
EP
EP
Exposed Pad thermal connection. Connect to GND.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM26001B


Numéro de pièce similaire - LM26001B

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001BMH NSC-LM26001BMH Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001BMHX NSC-LM26001BMHX Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results

Description similaire - LM26001B

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26003 TI-LM26003_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
LM26001 TI-LM26001_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com