Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM25576-Q1 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM25576-Q1
Description  LM25576/LM25576-Q1 SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM25576-Q1 Fiches technique(HTML) 5 Page - Texas Instruments

  LM25576-Q1 Datasheet HTML 1Page - Texas Instruments LM25576-Q1 Datasheet HTML 2Page - Texas Instruments LM25576-Q1 Datasheet HTML 3Page - Texas Instruments LM25576-Q1 Datasheet HTML 4Page - Texas Instruments LM25576-Q1 Datasheet HTML 5Page - Texas Instruments LM25576-Q1 Datasheet HTML 6Page - Texas Instruments LM25576-Q1 Datasheet HTML 7Page - Texas Instruments LM25576-Q1 Datasheet HTML 8Page - Texas Instruments LM25576-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM25576, LM25576-Q1
www.ti.com
SNVS470G – JANUARY 2007 – REVISED APRIL 2013
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 24V, RT = 32.4kΩ unless otherwise stated.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
FB Bias Current
17
nA
DC Gain
70
dB
COMP Sink / Source Current
3
mA
Unity Gain Bandwidth
3
MHz
DIODE SENSE RESISTANCE
DSENSE
42
m
THERMAL SHUTDOWN
Tsd
Thermal Shutdown Threshold
165
°C
Thermal Shutdown Hysteresis
25
°C
THERMAL RESISTANCE
θJC
Junction to Case
6
°C/W
θJA
Junction to Ambient
40
°C/W
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM25576 LM25576-Q1


Numéro de pièce similaire - LM25576-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM25576-Q1 TI1-LM25576-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
More results

Description similaire - LM25576-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM25576MHX TI1-LM25576MHX Datasheet
1Mb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM25575QMH TI1-LM25575QMH Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
LM25575 TI-LM25575 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM22676 TI-LM22676_13 Datasheet
2Mb / 27P
[Old version datasheet]   LM22676/LM22676-Q1 42V, 3A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com