Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT15-04W Fiches technique(PDF) 2 Page - Infineon Technologies AG

No de pièce BAT15-04W
Description  Low barrier type for DBS mixer applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT15-04W Fiches technique(HTML) 2 Page - Infineon Technologies AG

  BAT15-04W Datasheet HTML 1Page - Infineon Technologies AG BAT15-04W Datasheet HTML 2Page - Infineon Technologies AG BAT15-04W Datasheet HTML 3Page - Infineon Technologies AG BAT15-04W Datasheet HTML 4Page - Infineon Technologies AG BAT15-04W Datasheet HTML 5Page - Infineon Technologies AG BAT15-04W Datasheet HTML 6Page - Infineon Technologies AG BAT15-04W Datasheet HTML 7Page - Infineon Technologies AG BAT15-04W Datasheet HTML 8Page - Infineon Technologies AG BAT15-04W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2015-01-27
2
BAT15...
Maximum Ratings at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
4
V
Forward current
IF
110
mA
Total power dissipation
BAT15-02ELS, TS ≤ 73 °C
BAT15-02EL, TS ≤ 76 °C
BAT15-03W, TS ≤ 70 °C
BAT15-04W, TS ≤ 68 °C
BAT15-05W, TS ≤ 65 °C
BAT15-099, TS ≤ 48 °C
BAT15-099R, TS ≤ 67 °C
Ptot
100
100
100
100
100
100
100
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 ... 150
Storage temperature
Tstg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAT15-02ELS
BAT15-02EL
BAT15-03W
BAT15-04W
BAT15-05W
BAT15-099
BAT15-099R
RthJS
≤ 770
≤ 780
≤ 795
≤ 820
≤ 850
≤ 1020
≤ 830
1For calculation of RthJA please refer to Application Note AN077 (Thermal Resistance Calculation)


Numéro de pièce similaire - BAT15-04W

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BAT15-04W INFINEON-BAT15-04W Datasheet
525Kb / 10P
   Silicon Schottky Diodes
Jan-30-2003
BAT15-04W INFINEON-BAT15-04W Datasheet
970Kb / 16P
   Silicon Schottky Diodes
2010-03-05
BAT15-04W INFINEON-BAT15-04W Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
BAT15-04W INFINEON-BAT15-04W Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
More results

Description similaire - BAT15-04W

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BAT15-03W SIEMENS-BAT15-03W Datasheet
65Kb / 4P
   Silicon Schottky Diode (DBS mixer applications to 12 GHz Low noise figure Low barrier type)
BAT15-04 SIEMENS-BAT15-04 Datasheet
67Kb / 3P
   Silicon Dual Schottky Diode (DBS mixer applications to 12 GHz Low noise figure Low barrier type)
BAT14-03W SIEMENS-BAT14-03W Datasheet
36Kb / 4P
   Silicon Schottky Diode (DBS mixer application to 12GHz Medium barrier type Low capacitance)
BAT15-098 SIEMENS-BAT15-098 Datasheet
88Kb / 4P
   Silicon Schottky Diode (DBS mixer application to 10 GHz Low noise figure Low barrier type)
BAT15-099 SIEMENS-BAT15-099 Datasheet
143Kb / 4P
   Silicon Dual Schottky Diode (DBS mixer application to 12 GHz Low noise figure Low barrier type)
BAT14-098 SIEMENS-BAT14-098 Datasheet
88Kb / 4P
   Silicon Schottky Diode (DBS mixer application to 12 GHz Low noise figure Medium barrier type)
BAT14-099 SIEMENS-BAT14-099 Datasheet
79Kb / 4P
   Silicon Dual Schottky Diode (DBS mixer application to 12 GHz Low noise figure Medium barrier type)
logo
Maxim Integrated Produc...
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
MAX2102 MAXIM-MAX2102 Datasheet
151Kb / 16P
   Direct-Conversion Tuner ICs for Digital DBS Applications
19-1256; Rev 2; 10/98
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com