Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM22675 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM22675
Description  LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM22675 Fiches technique(HTML) 4 Page - Texas Instruments

  LM22675 Datasheet HTML 1Page - Texas Instruments LM22675 Datasheet HTML 2Page - Texas Instruments LM22675 Datasheet HTML 3Page - Texas Instruments LM22675 Datasheet HTML 4Page - Texas Instruments LM22675 Datasheet HTML 5Page - Texas Instruments LM22675 Datasheet HTML 6Page - Texas Instruments LM22675 Datasheet HTML 7Page - Texas Instruments LM22675 Datasheet HTML 8Page - Texas Instruments LM22675 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM22675, LM22675-Q1
SNVS591L – SEPTEMBER 2008 – REVISED NOVEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
VIN to GND
43
V
EN Pin Voltage
–0.5
6
V
SW to GND (3)
–5
VIN
V
BOOT Pin Voltage
VSW + 7
V
FB Pin Voltage
–0.5
7
V
Power Dissipation
Internally Limited
Junction Temperature
150
°C
For soldering specifications, refer to Application Report Absolute Maximum Ratings for Soldering (SNOA549).
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and should not be operated beyond such conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The absolute-maximum specification of the ‘SW to GND’ applies to dc voltage. An extended negative voltage limit of –10 V applies to a
pulse of up to 50 ns.
6.2 Handling Ratings: LM22675
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
V(ESD)
Electrostatic discharge
–2
2
kV
pins(1)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Handling Ratings: LM22675-Q1
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC Q100-002(1)
–2
2
kV
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply Voltage
4.5
42
V
Junction Temperature Range
–40
125
°C
6.5 Thermal Information
LM22675,
LM22675-Q1
THERMAL METRIC(1)(2)
UNIT
DDA
8 PINS
RθJA
Junction-to-ambient thermal resistance
60
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The value of RθJA for the SO PowerPAD-8 exposed pad package of 60°C/W is valid if package is mounted to 1 square inch of copper.
The RθJA value can range from 42 to 115°C/W depending on the amount of PCB copper dedicated to heat transfer.
4
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM22675 LM22675-Q1


Numéro de pièce similaire - LM22675

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM22675 NSC-LM22675 Datasheet
566Kb / 16P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22675 TI-LM22675 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Input Voltage Range: 4.5V to 42V, Internally Compensated Voltage Mode Control
LM22675 TI-LM22675 Datasheet
1Mb / 23P
[Old version datasheet]   LM22675/LM22675Q 42V, 1A SIMPLE SWITCHER Step-Down Voltage Regulator with
logo
National Semiconductor ...
LM22675MR-5.0 NSC-LM22675MR-5.0 Datasheet
566Kb / 16P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22675MR-5.0 TI-LM22675MR-5.0 Datasheet
1Mb / 23P
[Old version datasheet]   LM22675/LM22675Q 42V, 1A SIMPLE SWITCHER Step-Down Voltage Regulator with
More results

Description similaire - LM22675

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22674 TI-LM22674_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
   2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com