Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM22673-Q1 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM22673-Q1
Description  LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM22673-Q1 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM22673-Q1 Datasheet HTML 7Page - Texas Instruments LM22673-Q1 Datasheet HTML 8Page - Texas Instruments LM22673-Q1 Datasheet HTML 9Page - Texas Instruments LM22673-Q1 Datasheet HTML 10Page - Texas Instruments LM22673-Q1 Datasheet HTML 11Page - Texas Instruments LM22673-Q1 Datasheet HTML 12Page - Texas Instruments LM22673-Q1 Datasheet HTML 13Page - Texas Instruments LM22673-Q1 Datasheet HTML 14Page - Texas Instruments LM22673-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
5
10
15
20
25
30
35
40
45
SHORT CIRCUIT VOLTAGE (v)
SAFE OPERATING AREA
LM22673, LM22673-Q1
www.ti.com
SNVS586O – SEPTEMBER 2008 – REVISED NOVEMBER 2014
Device Functional Modes (continued)
Figure 11. SOA
7.4.2 Current-Limit Adjustment
A key feature of the LM22673 is the ability to adjust the peak switch current limit. This can be useful when the full
current capability of the regulator is not required for a given application. A smaller current limit may allow the use
of power components with lower current ratings, thus saving space and reducing cost. A single resistor between
the IADJ pin and ground controls the current limit in accordance with Figure 12. The current limit mode is set
during start-up of the regulator. When VIN is applied, a weak pullup is connected to the IADJ pin and, after
approximately 100 µs, the voltage on the pin is checked against a threshold of about 0.8V. With the IADJ pin
open, the voltage floats above this threshold, and the current limit is set to the default value of 4.2A (typ). With a
resistor present, an internal reference holds the pin voltage at 0.8 V; the resulting current sets the current limit.
The accuracy of the adjusted current limit will be slightly worse than that of the default value, that is, +35% /
–25% is to be expected. Resistor values should not exceed the limits shown in Figure 12.
Figure 12. Current Limit vs IADJ Resistor
7.4.3 Thermal Protection
Internal thermal shutdown circuitry protects the LM22673 should the maximum junction temperature be
exceeded. This protection is activated at about 150°C, with the result that the regulator will shutdown until the
temperature drops below about 135°C.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM22673 LM22673-Q1


Numéro de pièce similaire - LM22673-Q1

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM22673 NSC-LM22673 Datasheet
511Kb / 18P
   3A SIMPLE SWITCHER, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22673MR-5.0 NSC-LM22673MR-5.0 Datasheet
511Kb / 18P
   3A SIMPLE SWITCHER, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22673MR-ADJ NSC-LM22673MR-ADJ Datasheet
511Kb / 18P
   3A SIMPLE SWITCHER, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22673MRE-5.0 NSC-LM22673MRE-5.0 Datasheet
511Kb / 18P
   3A SIMPLE SWITCHER, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22673MRE-ADJ NSC-LM22673MRE-ADJ Datasheet
511Kb / 18P
   3A SIMPLE SWITCHER, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
More results

Description similaire - LM22673-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM22674 TI-LM22674_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22670 TI1-LM22670_17 Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
   2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com