Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM20343 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM20343
Description  LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM20343 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM20343 Datasheet HTML 7Page - Texas Instruments LM20343 Datasheet HTML 8Page - Texas Instruments LM20343 Datasheet HTML 9Page - Texas Instruments LM20343 Datasheet HTML 10Page - Texas Instruments LM20343 Datasheet HTML 11Page - Texas Instruments LM20343 Datasheet HTML 12Page - Texas Instruments LM20343 Datasheet HTML 13Page - Texas Instruments LM20343 Datasheet HTML 14Page - Texas Instruments LM20343 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
CIN1
VIN
SW
AGND
FB
PGOOD
VOUT
RFB1
RFB2
COUT
EN
SS/TRK
VCC
CVCC
CC1
RT
RC1
VIN
LM20343
BOOT
GND
L
CBOOT
D1
(Optional)
CSS
RPG
VPULLUP
CIN2
COMP
RRT
LM20343
www.ti.com
SNVS559B – MAY 2008 – REVISED APRIL 2013
PRE-BIAS STARTUP CAPABILITY
The LM20343 is in a pre-biased state when it starts up with an output voltage greater than zero. This often
occurs in many multi-rail applications such as when powering an FPGA, ASIC, or DSP. In these applications the
output can be pre-biased through parasitic conduction paths from one supply rail to another. Even though the
LM20343 is a synchronous converter, it will not pull the output low when a pre-bias condition exists. During start
up the LM20343 will not sink current until the soft-start voltage exceeds the voltage on the FB pin. Since the
device cannot sink current, it protects the load from damage that might otherwise occur if current is conducted
through the parasitic paths of the load.
POWER GOOD AND OVER VOLTAGE FAULT HANDLING
The LM20343 has built in under and over voltage comparators that control the power switches. Whenever there
is an excursion in output voltage above the set OVP threshold, the part will terminate the present on-pulse, turn-
on the low-side FET, and pull the PGOOD pin low. The low-side FET will remain on until either the FB voltage
falls back into regulation or the negative current limit is triggered which in turn tri-states the FETs. If the output
reaches the UVP threshold the part will continue switching and the PGOOD pin will be deasserted and go low.
Typical values for the PGOOD resistor are on the order of 100 k
Ω or less. To avoid false tripping during transient
glitches the PGOOD pin has 20 µs of built in deglitch time to both rising and falling edges.
UVLO
The LM20343 has an internal under-voltage lockout protection circuit that keeps the device from switching until
the input voltage reaches 4.25V (typical). The UVLO threshold has 350 mV of hysteresis that keeps the device
from responding to power-on glitches during start up. If desired the turn-on point of the supply can be changed
by using the precision enable pin and a resistor divider network connected to VIN as shown in Figure 29 in the
design guide.
THERMAL PROTECTION
Internal thermal shutdown circuitry is provided to protect the integrated circuit in the event that the maximum
junction temperature is exceeded. When activated, typically at 170°C, the LM20343 tri-states the power FETs
and resets soft-start. After the junction cools to approximately 150°C, the part starts up using the normal start up
routine. This feature is provided to prevent catastrophic failures from accidental device overheating.
Design Guide
This section walks the designer through the steps necessary to select the external components to build a fully
functional power supply. As with any DC-DC converter numerous trade-offs are possible to optimize the design
for efficiency, size, or performance. These will be taken into account and highlighted throughout this discussion.
To facilitate component selection discussions the circuit shown in Figure 25 below may be used as a reference.
Unless otherwise indicated all formulas assume units of amps (A) for current, farads (F) for capacitance, henries
(H) for inductance and volts (V) for voltages.
Figure 25. Typical Application Circuit
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM20343


Numéro de pièce similaire - LM20343

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20343 TI1-LM20343 Datasheet
1Mb / 30P
[Old version datasheet]   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20343MH NSC-LM20343MH Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20343MHE NSC-LM20343MHE Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20343MHX NSC-LM20343MHX Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
More results

Description similaire - LM20343

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM20343 TI1-LM20343_14 Datasheet
1Mb / 30P
[Old version datasheet]   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20143 TI1-LM20143_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20242 NSC-LM20242_08 Datasheet
466Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20242 TI1-LM20242_14 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20242 NSC-LM20242 Datasheet
465Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com