Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2717 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2717
Description  LM2717 Dual Step-Down DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2717 Fiches technique(HTML) 5 Page - Texas Instruments

  LM2717 Datasheet HTML 1Page - Texas Instruments LM2717 Datasheet HTML 2Page - Texas Instruments LM2717 Datasheet HTML 3Page - Texas Instruments LM2717 Datasheet HTML 4Page - Texas Instruments LM2717 Datasheet HTML 5Page - Texas Instruments LM2717 Datasheet HTML 6Page - Texas Instruments LM2717 Datasheet HTML 7Page - Texas Instruments LM2717 Datasheet HTML 8Page - Texas Instruments LM2717 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LM2717
www.ti.com
SNVS253D – MAY 2005 – REVISED MARCH 2013
Electrical Characteristics (continued)
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating
Temperature Range (TJ = −40°C to +125°C). VIN = 5V, IL = 0A, and FSW = 300kHz unless otherwise specified.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
ICL1
(3)
Fixed Buck Switch Current
VIN = 8V
(4)
2.2
A
Limit
ICL2
(3)
Adjustable Buck Switch
VIN = 8V
(4)
3.2
A
Current Limit
IB1
Fixed Buck FB Pin Bias
VIN = 20V
65
µA
Current(5)
IB2
Adjustable Buck FB Pin Bias
VIN = 20V
65
nA
Current(5)
VIN
Input Voltage Range
4
20
V
gm1
Fixed Buck Error Amp
ΔI = 20µA
1340
µmho
Transconductance
gm2
Adjustable Buck Error Amp
ΔI = 20µA
1360
µmho
Transconductance
AV1
Fixed Buck Error Amp Voltage
134
V/V
Gain
AV2
Adjustable Buck Error Amp
136
V/V
Voltage Gain
DMAX
Maximum Duty Cycle
89
93
%
FSW
Switching Frequency
RF = 46.4k
200
300
400
kHz
RF = 22.6k
475
600
775
kHz
ISHDN1
Fixed Buck Shutdown Pin
0V < VSHDN1 < 7.5V
−5
5
µA
Current
ISHDN2
Adjustable Buck Shutdown Pin
0V < VSHDN2 < 7.5V
−5
5
µA
Current
IL1
Fixed Buck Switch Leakage
VIN = 20V
0.01
5
µA
Current
IL2
Adjustable Buck Switch
VIN = 20V
0.01
5
µA
Leakage Current
RDSON1
Fixed Buck Switch RDSON
(6)
160
m
RDSON2
Adjustable Buck Switch
160
m
RDSON
(6)
ThSHDN1
Fixed Buck SHDN Threshold
Output High
1.8
1.36
V
Output Low
1.33
0.7
ThSHDN2
Adjustable Buck SHDN
Output High
1.8
1.36
V
Threshold
Output Low
1.33
0.7
ISS1
Fixed Buck Soft Start Pin
4
9
15
µA
Current
ISS2
Adjustable Buck Soft Start Pin
4
9
15
µA
Current
UVP
On Threshold
4
3.8
V
Off Threshold
3.6
3.3
θJA
Thermal Resistance(7)
TSSOP, package only
115
°C/W
(3)
Duty cycle affects current limit due to ramp generator.
(4)
Current limit at 0% duty cycle. See TYPICAL PERFORMANCE section for Switch Current Limit vs. VIN
(5)
Bias current flows into FB pin.
(6)
Includes the bond wires, RDSON from VIN pin(s) to SW pin.
(7)
Refer to Texas Instruments packaging website for more detailed thermal information and mounting techniques for the TSSOP package.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2717


Numéro de pièce similaire - LM2717

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
673Kb / 12P
   Dual Step-down DC/DC Converter
LM2717 NSC-LM2717 Datasheet
324Kb / 14P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717-ADJ TI-LM2717-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   LM2717-ADJ Dual Step-Down DC/DC Converter
More results

Description similaire - LM2717

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2717-ADJ TI-LM2717-ADJ_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM2717-ADJ Dual Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
673Kb / 12P
   Dual Step-down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717 NSC-LM2717_08 Datasheet
324Kb / 14P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com