Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2585 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce LM2585
Description  LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2585 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button LM2585_15 Datasheet HTML 5Page - Texas Instruments LM2585_15 Datasheet HTML 6Page - Texas Instruments LM2585_15 Datasheet HTML 7Page - Texas Instruments LM2585_15 Datasheet HTML 8Page - Texas Instruments LM2585_15 Datasheet HTML 9Page - Texas Instruments LM2585_15 Datasheet HTML 10Page - Texas Instruments LM2585_15 Datasheet HTML 11Page - Texas Instruments LM2585_15 Datasheet HTML 12Page - Texas Instruments LM2585_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LM2585
www.ti.com
SNVS120F – APRIL 2000 – REVISED APRIL 2013
Flyback Regulator
Figure 17.
Block Diagram
For Fixed Versions
3.3V, R1 = 3.4k, R2 = 2k
5V, R1 = 6.15k, R2 = 2k
12V, R1 = 8.73k, R2 = 1k
For Adj. Version
R1 = Short (0
Ω), R2 = Open
Figure 18.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2585


Numéro de pièce similaire - LM2585_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2585S-12 NSC-LM2585S-12 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM2585S-12 NSC-LM2585S-12 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
LM2585S-3.3 NSC-LM2585S-3.3 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM2585S-3.3 NSC-LM2585S-3.3 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
LM2585S-5.0 NSC-LM2585S-5.0 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
More results

Description similaire - LM2585_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
logo
Texas Instruments
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
logo
Texas Instruments
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com