Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LD05-20B15 Fiches technique(PDF) 7 Page - MORNSUN Science& Technology Ltd.

No de pièce LD05-20B15
Description  5W, AC/DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MORNSUN [MORNSUN Science& Technology Ltd.]
Site Internet  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD05-20B15 Fiches technique(HTML) 7 Page - MORNSUN Science& Technology Ltd.

  LD05-20B15 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD05-20B15 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD05-20B15 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD05-20B15 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LD05-20B15 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LD05-20B15 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LD05-20B15 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AC/DC Converter
LD05-20Bxx Series
2015.03.18-B/1
Page 7 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Notes:
1. Packing information please refer to Product Packing Information which can be downloaded from www.mornsun-power.com .Packing
bag number: 58220003(Horizontal package), 58220022(A2S/A4S package), 58220010(A2/A4 package);
2. If the product is not operated within the required load range, the product performance cannot be guaranteed to comply with all
parameters in the datasheet;
3. Unless otherwise specified, parameters in this datasheet were measured under the conditions of Ta=25 ℃, humidity<75% with nominal
input voltage and rated output load;
4. All index testing methods in this datasheet are based on our Company’s corporate standards;
5. The performance parameters of the product models listed in this manual are as above, but some parameters of non-standard model
products may exceed the requirements mentioned above. Please contact our technicians directly for specific information;
6. We can provide product customization service;
7. Specifications are subject to change without prior notice.
MORNSUN Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn