Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LD05-23B05 Fiches technique(PDF) 3 Page - MORNSUN Science& Technology Ltd.

No de pièce LD05-23B05
Description  5W, AC-DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MORNSUN [MORNSUN Science& Technology Ltd.]
Site Internet  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD05-23B05 Fiches technique(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LD05-23B05 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD05-23B05 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD05-23B05 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD05-23B05 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LD05-23B05 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AC/DC Converter
LD05-23Bxx Series
2015.03.17-A/2
Page 3 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Product Characteristic Curve
-25
0
55
70
10 0
50
20
60
40
~ 390VDC
~
27 7VAC
1 10
1 40
70
80
Ambient Temperature( )
Temperature Derating Curve
Input voltage:
40
10 0
60
80
305
11 0
50
85
27 7
430
14 0
10 0
39 0
VAC
VDC
Input Volta ge
Input Voltage Derat ing Curve
Ambient temp erature:25
Note: ①Input voltage should be derated based on temperature derating when it is 85~110VAC/277~305VAC/100~140VDC/390~430VDC;
This product is suitable for use in natural air cooling environments, if in a closed environment, please contact our company’s FAE.
LD05-23B05
LD05-23B12
LD05-23B24
50
55
60
65
70
75
80
85
90
85
110
180
230
277
305
Input Voltage(VAC)
Efficiency Vs Input Voltage(Full Load)
LD05-23B05
LD05-23B12
LD05-23B24
50
55
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
Output Power Percentage(%)
Efficiency Vs Output Load(Vin=230VAC)
Design Reference
1. Typical application circuit
AC(L)
+Vo
-Vo
AC(L)
AC(N)
AC(N)
C1
C2
LOAD
FUS E
AC D C
MOV
NTC
Fig. 1
Model
C1(μF)
C2(μF)
LD05-23B03
1
220
LD05-23B05
220
LD05-23B09
100
LD05-23B12
100
LD05-23B15
100
LD05-23B24
47
Note:
Output filtering capacitor C2 is electrolytic capacitor, it is recommended to apply electrolytic capacitor with high frequency and low resistance. For
capacitance and current of capacitor please refer to manufacture’s datasheet. Capacitance withstand voltage derating should be 80% or above. C1 is
ceramic capacitor, which is used to filter high-frequency noise. External input NTC is recommended to use 12D-5. External input MOV is recommended to use
S14K350.
2. EMC solution-recommended circuit
ACDC
AC(N)
AC(L)
LCM
MOV CX
CY1
CY2
FUSE
AC(N)
AC(L)
+Vo
-Vo
+
L1
C1
C2
RL
Can use MORNSUN’s FC-LX1D
NTC
Fig 2


Numéro de pièce similaire - LD05-23B05

FabricantNo de pièceFiches techniqueDescription
MORNSUN Science& Technology Ltd.
MORNSUN Science& Techno...
LD05-23B05 MORNSUN-LD05-23B05 Datasheet
220Kb / 4P
   AC/DC Converter
More results

Description similaire - LD05-23B05

FabricantNo de pièceFiches techniqueDescription
MORNSUN Science& Technology Ltd.
MORNSUN Science& Techno...
LH05-10B03 MORNSUN-LH05-10B03_15 Datasheet
1Mb / 7P
   5W, AC-DC converter
LD05-20B05MU MORNSUN-LD05-20B05MU Datasheet
1Mb / 4P
   5W, AC/DC converter
LS05-15B03S MORNSUN-LS05-15B03S Datasheet
918Kb / 5P
   5W,AC-DC CONVERTER
LHE05-20A05 MORNSUN-LHE05-20A05 Datasheet
1Mb / 6P
   5W, AC-DC converter
LD05-20B03 MORNSUN-LD05-20B03_15 Datasheet
398Kb / 7P
   5W, AC/DC converter
LS05-26B03SS MORNSUN-LS05-26B03SS Datasheet
1Mb / 6P
   5W, AC/DC converter
LO05-12B03 MORNSUN-LO05-12B03 Datasheet
517Kb / 4P
   5W, AC-DC converter
LHE05-20B03 MORNSUN-LHE05-20B03 Datasheet
1Mb / 5P
   5W, AC-DC converter
LDE03-20B03 MORNSUN-LDE03-20B03 Datasheet
1Mb / 6P
   3W/5W, AC-DC converter
LD03-10B03 MORNSUN-LD03-10B03 Datasheet
226Kb / 10P
   3-5W,AC-DC CONVERTER
More results


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz