Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LD05-20B09 Datasheet(Fiches technique) 1 Page - MORNSUN Science& Technology Ltd.

Numéro de pièce LD05-20B09
Description  5W, AC/DC converter
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MORNSUN [MORNSUN Science& Technology Ltd.]
Site Internet  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD05-20B09 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LD05-20B09 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD05-20B09 Datenblatt HTML 2Page - MORNSUN Science& Technology Ltd. LD05-20B09 Datenblatt HTML 3Page - MORNSUN Science& Technology Ltd. LD05-20B09 Datenblatt HTML 4Page - MORNSUN Science& Technology Ltd. LD05-20B09 Datenblatt HTML 5Page - MORNSUN Science& Technology Ltd. LD05-20B09 Datenblatt HTML 6Page - MORNSUN Science& Technology Ltd. LD05-20B09 Datenblatt HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AC/DC Converter
LD05-20Bxx Series
2015.03.18-B/1
Page 1 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
5W, AC/DC converter
RoHS
FEATURES
Universal input voltage range:
85~264VAC/100~370VDC
AC and DC dual-use(input from the same
terminal)
High efficiency, high power density
Output short circuit, over-current, over-voltage
protections
Meets UL60950, EN60950 standards (Pending)
Mounting :PCB mounting, Chassis mounting,
Din-Rail mounting available
LD05-20Bxx series---- is a compact size power converter offered by Mornsun. It features universal input voltage, taking both DC and AC input
voltage, low power consumption, high efficiency, high reliability, safer isolation. It offers good EMC performance, and is UL & CE certified,
and widely used in industrial, electricity, instruments, telecommunication and civil applications.
Note: Please refer to Design Reference when module being used in a bad EMC environment.
Selection Guide
Certification
Part No.
Output Power
Nominal Output Voltage and
Current(Vo/Io)
Efficiency
(230VAC, %/Typ.)
Max. Capacitive Load*
(μF)
UL/CE
(Pending)
LD05-20B03
4.2W
3.3V/1250mA
74
4000
LD05-20B05
5W
5V/1000mA
78
4000
LD05-20B09
9V/550mA
78
1000
LD05-20B12
12V/420mA
80
820
LD05-20B15
15V/333mA
82
820
LD05-20B24
5.5W
24V/230mA
83
330
Note: *Test without external circuit.
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
AC input
85
--
264
VAC
DC input
100
--
370
VDC
Input Frequency
47
--
63
Hz
Input Current
110VAC
--
--
150
mA
230VAC
--
--
70
Inrush Current
110VAC
--
10
--
A
230VAC
--
20
--
Recommended External Input
Fuse(Special package series include fuse)
1A/250V, slow fusing, necessary
Hot Plug
Unavailable


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn