Moteur de recherche de fiches techniques de composants électroniques |
|
TPS3701 Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
TPS3701 Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 27 page R 1 GND 1.8 V to 36 V OUTA OUTB R 2 R 3 V MON INA INB VDD Device RP 2 RP 1 0.1 F m To a reset or enable input of the system. V 0 V to 25 V PULLUP TJ -40 -20 0 20 40 60 80 100 120 140 -0.16 -0.14 -0.12 -0.1 -0.08 -0.06 -0.04 -0.02 0 0.02 0.04 D012 INA Negative Threshold INB Positive Threshold Product Folder Sample & Buy Technical Documents Tools & Software Support & Community TPS3701 SBVS240 – NOVEMBER 2014 TPS3701 36-V Window Comparator with Internal Reference for Over- and Undervoltage Detection 1 Features 3 Description The TPS3701 wide-supply voltage window 1 • Wide Supply Voltage Range: 1.8 V to 36 V comparator operates over a 1.8-V to 36-V range. The • Adjustable Threshold: Down to 400 mV device has two precision comparators with an internal • Open-Drain Outputs for Over- and Undervoltage 400-mV reference and two open-drain outputs (OUTA Detection and OUTB) rated to 25 V for over- and undervoltage detection. Use the TPS3701 as a window comparator • Low Quiescent Current: 7 µA (typ) or as two independent voltage monitors; set the • High Threshold Accuracy: monitored voltage with the use of external resistors. – 0.75% Over Temperature OUTA is driven low when the voltage at the INA pin – 0.25% (typ) drops below the negative threshold, and goes high • Internal Hysteresis: 5.5 mV (typ) when the voltage returns above the positive threshold. OUTB is driven low when the voltage at • Temperature Range: –40°C to 125°C the INB pin rises above the positive threshold, and • Package: goes high when the voltage drops below the negative – SOT-6 threshold. Both comparators in the TPS3701 include built-in hysteresis for noise rejection, thereby 2 Applications ensuring stable output operation without false triggering. • Industrial Control Systems The TPS3701 is available in a SOT-6 package and is • Embedded Computing Modules specified over the junction temperature range of • DSPs, Microcontrollers, and Microprocessors –40°C to 125°C. • Notebook and Desktop Computers Device Information(1) • Portable- and Battery-Powered Products PART NUMBER PACKAGE BODY SIZE (NOM) • FPGA and ASIC Systems TPS3701 SOT (6) 2.90 mm × 1.60 mm (1) For all available packages, see the package option addendum at the end of the datasheet. Typical Application Typical Error vs Junction Temperature 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Numéro de pièce similaire - TPS3701 |
|
Description similaire - TPS3701 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |