Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS717-Q1 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPS717-Q1
Description  TPS717xx-Q1 Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS717-Q1 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS717-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS717-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS717-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS717-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS717-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS717-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS717-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS717-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS717-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TPS717xx-Q1
GND
EN
NR
IN
OUT
V
IN
V
OUT
1 F
m
0.01 F
m
Ceramic
(Optional)
1 F
m
Ceramic
V
EN
Typical Application Circuit for Fixed Voltage Versions
80
70
60
50
40
30
20
10
0
10
100k
10M
Frequency (Hz)
1k
10k
100
1M
C
= 1 F
C
= 10 nF
m
OUT
NR
150 mA
10 mA
75 mA
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS717-Q1
SLVSBM4B – SEPTEMBER 2012 – REVISED DECEMBER 2014
TPS717xx-Q1 Low-Noise, High-Bandwidth PSRR,
Low-Dropout, 150-mA Linear Regulator
1 Features
3 Description
The TPS717xx-Q1 family of low-dropout (LDO), low-
1
Input Voltage: 2.5 V to 6.5 V
power linear regulators offers very high power-supply
AEC-Q100 Qualified with the Following Results:
rejection (PSRR) while maintaining very low 45-
μA
Device Temperature Grade 1: –40°C to 125°C
ground
current
in
an
ultra-small,
five-pin
SOT
Ambient Operating Temperature Range
package. The family uses an advanced BiCMOS
process and a PMOSFET pass device to achieve fast
Device HBM ESD Classification Level 2
start-up, very low noise, excellent transient response,
Device HBM ESD Classification Level C4B
and excellent PSRR performance. The TPS717xx-Q1
Available in Multiple Output Versions:
is stable with a 1-
μF ceramic output capacitor and
uses a precision voltage reference and feedback loop
Fixed Output with Voltages from 0.9 V to 5 V
to achieve a worst-case accuracy of 3% over all load,
Adjustable Output Voltage from 0.9 V to 6.2 V
line, process, and temperature variations. The device
Ultra-High PSRR:
family is fully specified from TJ, TA = –40°C to 125°C
and is offered in a small SOT (SC70-5) package, a
70 dB at 1 kHz, 67 dB at 100 kHz, and 45 dB
2-mm × 2-mm WSON-6 package with a thermal pad,
at 1 MHz
and a 1.5-mm × 1.5-mm WSON-6 package, which
Excellent Load and Line Transient Response
are ideal for small form factor portable equipment
Very Low Dropout: 170 mV typical at 150 mA
(such
as
wireless
handsets
and
PDAs).
The
TPS717xx-Q1 family of LDOs is qualified for AEC-
Low Noise: 30
μVRMS typical (100 Hz to 100 kHz)
Q100 grade 1.
Small 5-pin SOT, 2-mm × 2-mm WSON-6, and
1.5-mm × 1.5-mm WSON-6 Packages
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
SOT (5)
2.00 mm × 1.25 mm
PLLs
TPS717xx-Q1
WSON (6)
2.00 mm × 2.00 mm
VCOs
WSON (6)
1.50 mm × 1.50 mm
Camera Sensor Power
(1) For all available packages, see the orderable addendum at
Microcontroller Power
the end of the datasheet.
Wireless LAN, Bluetooth®
ADAS and Infotainment Systems
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - TPS717-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
More results

Description similaire - TPS717-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS717 TI-TPS717 Datasheet
1Mb / 42P
[Old version datasheet]   TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com